Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3525WBRMZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR3525WBRMZ-R7
Description  Micropower, High Accuracy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3525WBRMZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR3525WBRMZ-R7 Datasheet HTML 12Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 13Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 14Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 15Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 16Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 17Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 18Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 19Page - Analog Devices ADR3525WBRMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Rev. 0 | Page 19 of 20
SAMPLE APPLICATIONS
Negative Reference
Figure 39 shows how to connect the ADR3550 and a standard
CMOS op amp, such as the AD8663, to provide a negative
reference voltage. This configuration provides two main
advantages: first, it requires only two devices and, therefore,
does not require excessive board space; second, and more
importantly, it does not require any external resistors, meaning
that the performance of this circuit does not rely on choosing
expensive parts with low temperature coefficients to ensure
accuracy.
AD8663
0.1µF
1µF
+VDD
–VDD
0.1µF
0.1µF
–5V
ADR3550
VIN
ENABLE
VOUT FORCE
VOUT SENSE
GND FORCE
GND SENSE
8
1
6
7
2
3
Figure 39. ADR3550 Negative Reference
In this configuration, the VOUT FORCE and VOUT SENSE pins of
the reference sit at virtual ground, and the negative reference
voltage and load current are taken directly from the output of
the operational amplifier. Note that in applications where the
negative supply voltage is close to the reference output voltage,
a dual-supply, low offset, rail-to-rail output amplifier must be
used to ensure an accurate output voltage. The operational
amplifier must also be able to source or sink an appropriate
amount of current for the application.
Bipolar Output Reference
Figure 40 shows a bipolar reference configuration. By connecting
the output of the ADR3550 to the inverting terminal of an
operational amplifier, it is possible to obtain both positive and
negative reference voltages. R1 and R2 must be matched as
closely as possible to ensure minimal difference between the
negative and positive outputs. Resistors with low temperature
coefficients must also be used if the circuit is used in environments
with large temperature swings; otherwise, a voltage difference
develops between the two outputs as the ambient temperature
changes.
VIN
+15V
–15V
–5V
+5V
ADA4000-1
0.1µF
1µF
0.1µF
R1
10kΩ
R2
10kΩ
R3
5kΩ
ADR3550
VIN
ENABLE
VOUT FORCE
VOUT SENSE
GND FORCE
GND SENSE
8
1
6
7
2
3
Figure 40. ADR3550 Bipolar Output Reference
Boosted Output Current Reference
Figure 41 shows a configuration for obtaining higher current
drive capability from the ADR35xx references without
sacrificing accuracy. The op amp regulates the current flow
through the MOSFET until VOUT equals the output voltage of
the reference; current is then drawn directly from VIN instead of
from the reference itself, allowing increased current drive
capability.
0.1µF
CL
0.1µF
2N7002
AD8663
VIN
U6
VOUT
+16V
0.1µF
1µF
R1
100Ω
RL
200Ω
VIN
ENABLE
VOUT FORCE
VOUT SENSE
GND FORCE
GND SENSE
8
1
6
7
2
3
AD3525/ADR3530/
ARD3533/ADR3540/
ADR3550
Figure 41. Boosted Output Current Reference
Because the current-sourcing capability of this circuit depends
only on the ID rating of the MOSFET, the output drive capability
can be adjusted to the application simply by choosing an
appropriate MOSFET. In all cases, the VOUT SENSE pin should
be tied directly to the load device to maintain maximum output
voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com