Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3530WARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR3530WARMZ-R7
Description  Micropower, High Accuracy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3530WARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADR3530WARMZ-R7 Datasheet HTML 1Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 2Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 3Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 4Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 5Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 6Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 7Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 8Page - Analog Devices ADR3530WARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Micropower, High Accuracy
Voltage References
Data Sheet
ADR3525/ADR3530/ADR3533/ADR3540/ADR3550
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum temperature coefficient: 5 ppm/°C (B grade)
Low long-term drift (LTD): 30 ppm (initial 1 khr typical)
Initial output voltage error: ±0.1% (maximum)
Operating temperature range: −40°C to +125°C
Output current: +10 mA source/−3 mA sink
Low quiescent current: 100 μA (maximum)
Low dropout voltage: 250 mV at 2 mA
Output voltage noise (0.1 Hz to 10 Hz): 29 μV p-p at
4.096 V (typical)
Qualified for automotive applications
APPLICATIONS
Automotive battery monitors
Portable instrumentation
Process transmitters
Remote sensors
Medical instrumentation
PIN CONFIGURATION
ENABLE 1
GND SENSE 2
GND FORCE 3
NC 4
VIN
8
VOUT SENSE
7
VOUT FORCE
6
NC
5
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ADR35xx
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM-8 Suffix)
GENERAL DESCRIPTION
The ADR3525W, ADR3530W, ADR3533W, ADR3540W, and
ADR3550W are low cost, low power, high precision CMOS
voltage references, featuring a maximum temperature coeffi-
cient (TC) of 5 ppm/°C (B grade), 8 ppm/°C (A grade), low
operating current, and low output noise in an 8-lead MSOP
package. For high accuracy, the output voltage and temperature
coefficient are trimmed digitally during final assembly using the
Analog Devices, Inc., patented DigiTrim® technology.
The low output voltage hysteresis and low long-term output
voltage drift improve lifetime system accuracy.
These CMOS references are available in five output voltages, all
of which are specified over the automotive temperature range of
−40°C to +125°C.
Table 1. Selection Guide
Model
Output Voltage (V)
Input Voltage Range (V)
ADR3525W
2.500
2.7 to 5.5
ADR3530W
3.000
3.2 to 5.5
ADR3533W
3.300
3.5 to 5.5
ADR3540W
4.096
4.3 to 5.5
ADR3550W
5.000
5.2 to 5.5


Similar Part No. - ADR3530WARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
Micropower, High Accuracy Voltage Reference
Rev. E
ADR3512WCRMZ-R7 AD-ADR3512WCRMZ-R7 Datasheet
807Kb / 16P
Micropower, High Accuracy Voltage Reference
Rev. E
More results

Similar Description - ADR3530WARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
Micropower, High Accuracy Voltage References
REV. B
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
Micropower, High Accuracy Voltage References
Rev. 0
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Diodes Incorporated
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
logo
Analog Devices
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
Micropower, High Accuracy Voltage Reference
Rev. E
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
High Accuracy Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com