Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2370ACPZ-5.0-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2370ACPZ-5.0-R7
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2370ACPZ-5.0-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2370ACPZ-5.0-R7 Datasheet HTML 19Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 20Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 21Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 22Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 23Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 24Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 25Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 26Page - Analog Devices ADP2370ACPZ-5.0-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 23 of 32
100% DUTY CYCLE
The ADP2370/ADP2371 enter and exit 100% duty cycle smoothly.
The control loop seeks the next clock cycle while the high-side
switch is engaged. When this occurs, the clock signal is masked
and the PMOS remains on. When the input voltage increases, the
internal VCOMP node decreases its signal to the control loop; thus,
the device stops skipping clock cycles and exits 100% duty cycle.
M2.00ms
A CH1
4.90V
T
32.20%
CH1 1.00V BW
CH3 50.0mA
BW
CH2 1.00V BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
Figure 74. Transition into and out of Dropout in PSM Mode,
VOUT = 5 V, 100 mA Load
M2.00ms
A CH1
4.90V
T
32.20%
CH1 1.00V BW
CH3 50.0mA
BW
CH2 1.00V BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
Figure 75. Transition into and out of Dropout in PWM Mode,
VOUT = 5 V, 100 mA Load
SYNCHRONIZING
It is possible to synchronize the ADP2370/ADP2371 to an external
clock within a frequency range from 400 kHz to 1.6 MHz. The
device automatically detects the rising edge of the first clock
and synchronizes to the external clock. When the clock signal
stops, the device automatically switches back to the internal
clock and continues operating.
The switchover is initiated when no rising edge on the SYNC
pin can be detected on the internal clock for a duration of four
clock cycles. Therefore, the maximum delay time can be 6.7 µs if
the internal clock is running at its minimum frequency of 600 kHz.
During this time, there is no clock signal available. The output
stops switching until the ADP2370 circuitry switches to the
internal clock signal.
If the device is synchronized to an external clock, the PSM
mode is disabled and the device stays in forced PWM mode.
Connect FSEL to ground when synchronizing to a frequency
range from 400 kHz to 800 kHz, and connect FSEL to the input
voltage when the external frequency is in the range of 800 kHz
to 1600 kHz. FSEL has an internal pull-down resistor and
defaults to the 600 kHz mode when FSEL is unconnected.
1
2
3
INTERNAL 1.2MHZ
INTERNAL 600kHZ
SYNC
PWM CLOCK (IF FSEL = 1)
PWM CLOCK FOLLOWS SYNC UNTIL IT MISSES
4 × 1.2MHZ INTERNAL CLOCK CYCLES
PWM CLOCK (IF FSEL = 0)
4
Figure 76. Typical SYNC Timing
M20.0µs
A CH4
2.00V
T
20.0%
CH1 5.00V BW
CH3 200mA
BW CH4 5.00V
B
W
CH2 100mV
B
W
SW
VOUT
INDUCTOR CURRENT
SYNC
1
2
3
4
Figure 77. Typical SYNC Transient, 1.2 MHz to 800 kHz to 1.2 MHz
M20.0µs
A CH4
2.00V
T
20.0%
CH1 5.00V BW
CH3 200mA
BW CH4 5.00V
B
W
CH2 50.0mV
B
W
SW
VOUT
INDUCTOR CURRENT
SYNC
1
2
3
4
Figure 78. SYNC Transient 1.2 MHz to 800 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com