Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7513 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7513
Description  165 MHz, High Performance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7513 Datasheet(HTML) 3 Page - Analog Devices

  ADV7513 Datasheet HTML 1Page - Analog Devices ADV7513 Datasheet HTML 2Page - Analog Devices ADV7513 Datasheet HTML 3Page - Analog Devices ADV7513 Datasheet HTML 4Page - Analog Devices ADV7513 Datasheet HTML 5Page - Analog Devices ADV7513 Datasheet HTML 6Page - Analog Devices ADV7513 Datasheet HTML 7Page - Analog Devices ADV7513 Datasheet HTML 8Page - Analog Devices ADV7513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADV7513
Rev. 0 | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Symbol
Temp
Test Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Data Inputs, Video and Audio, CEC_CLK
Input Voltage, High
VIH
Full
VI
1.35
3.5
V
Input Voltage, Low
VIL
Full
VI
−0.3
+0.7
V
Input Capacitance
25°C
VIII
1.0
1.5
pF
CEC_CLK Frequency2
Full
VIII
3
12
100
MHz
CEC_CLK Accuracy
Full
VIII
−2
+2
%
DDC I2C Lines (DDCSDA, DDCSCL)
Input Voltage, High
VIH
Full
IV
1.4
5.5
V
Input Voltage, Low
VIL
Full
IV
−0.3
+0.7
V
I2C Lines (SDA, SCL)
Input Voltage, High
VIH
Full
VI
1.4
5.5
V
Input Voltage, Low
VIL
Full
VI
−0.3
+0.7
V
CEC Pin
Input Voltage, High
VIH
Full
VI
2.0
5.5
V
Input Voltage, Low
VIL
Full
VI
−0.3
+0.8
V
Output Voltage, High
VOH
Full
VI
2.5
3.63
V
Output Voltage, Low
VOL
Full
VI
−0.3
+0.6
V
HPD Pin
Input Voltage, High
VIH
Full
VI
1.3
5.5
V
Input Voltage, Low
VIL
Full
VI
−0.3
+0.8
V
THERMAL CHARACTERISTICS
Thermal Resistance
Junction-to-Case
θJC
Full
V
20
°C/W
Junction-to-Ambient
θJA
Full
V
43
°C/W
Ambient Temperature
Full
V
−25
+25
+85
°C
DC SPECIFICATIONS
Input Leakage Current
IIL
25°C
VI
−1
+1
μA
POWER SUPPLY
1.8 V Supply Voltage (DVDD, AVDD,
PVDD, BGVDD)
Full
IV
1.71
1.8
1.90
V
3.3 V Supply Voltage (DVDD_3V)
Full
IV
3.15
3.3
3.45
V
Power-Down Current
25°C
IV
300
μA
Transmitter Total Power3
At 1.8 V
Full
VI
256
mW
At 3.3 V
Full
VI
1
mW
AC SPECIFICATIONS
TMDS Output Clock Frequency
25°C
IV
20
165
MHz
TMDS Output Clock Duty Cycle
25°C
IV
48
52
%
Input Video Clock Frequency
Full
IV
165
MHz
Input Video Data Setup Time4
tVSU
Full
IV
1.8
ns
Input Video Data Hold Time4
tVHLD
Full
IV
1.3
ns
TMDS Differential Swing
25°C
VII
800
1100
1200
mV
Differential Output Timing
Low-to-High Transition Time
25°C
VII
75
95
ps
High-to-Low Transition Time
25°C
VII
75
95
ps
VSYNC and HSYNC Delay
From DE Falling Edge
25°C
IV
1
UI5
To DE Rising Edge
25°C
IV
1
UI5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com