Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CBZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM2518CBZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CBZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM2518CBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 33Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 34Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 35Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 36Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 37Page - Analog Devices SSM2518CBZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 34 of 48
FAULT CONTROL 1 REGISTER
Address: 0x08, Reset: 0x0C, Name: Fault_Control_1
Table 21. Bit Descriptions for Fault_Control_1
Bits
Bit Name
Settings
Description
Reset
Access
7
OC_L
Left Channel Overcurrent Fault. Read only.
0x0
R
0
Normal operation
1
Left channel overcurrent fault
6
OC_R
Right Channel Overcurrent Fault. Read only.
0x0
R
0
Normal operation
1
Right channel overcurrent fault
5
OT
Overtemperature Fault Status. Read only.
0x0
R
0
Normal operation
1
Overtemperature fault
4
MRCV
Manual Fault Recovery. Available only when ARCV = 11. Write only.
0x0
W
0
Normal operation
1
When written, attempt a manual fault recovery
[3:2]
MAX_AR
Maximum Fault Recovery Attempts.
0x3
RW
00
One attempt
01
Three attempts
10
Seven attempts
11
Unlimited attempts
[1:0]
ARCV
Automatic Fault Recovery Selection.
0x0
RW
00
Automatically recover from overtemperature and overcurrent faults
01
Automatically recover from overtemperature fault only
10
Automatically recover from overcurrent faults only
11
No automatic recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com