Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ Datasheet(PDF) 43 Page - Analog Devices

Part # SSM2518CPZ
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button SSM2518CPZ Datasheet HTML 39Page - Analog Devices SSM2518CPZ Datasheet HTML 40Page - Analog Devices SSM2518CPZ Datasheet HTML 41Page - Analog Devices SSM2518CPZ Datasheet HTML 42Page - Analog Devices SSM2518CPZ Datasheet HTML 43Page - Analog Devices SSM2518CPZ Datasheet HTML 44Page - Analog Devices SSM2518CPZ Datasheet HTML 45Page - Analog Devices SSM2518CPZ Datasheet HTML 46Page - Analog Devices SSM2518CPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 43 of 48
Bits
Bit Name
Settings
Description
Reset
Access
0110
3 ms
0111
6 ms
1000
12 ms
1001
24 ms
1010
48 ms
1011
96 ms
1100
192 ms
1101
384 ms
1110
768 ms
1111
1.536 sec
[3:0]
DRC_DEC
DRC Decay Time. Used to smooth the gain curve at the thresholds (knees)
of each DRC function.
0x7
RW
0000
0 ms
0001
1.5 ms
0010
3 ms
0011
6 ms
0100
12 ms
0101
24 ms
0110
48 ms
0111
96 ms
1000
192 ms
1001
384 ms
1010
768 ms
1011
1.536 sec
1100
3.072 sec
1101
6.144 sec
1110
12.288 sec
1111
24.576 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com