Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-71008-RFX Datasheet(PDF) 26 Page - Amphenol Corporation

Part # 31-71008-RFX
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-71008-RFX Datasheet(HTML) 26 Page - Amphenol Corporation

Back Button 31-71008-RFX Datasheet HTML 22Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 23Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 24Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 25Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 26Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 27Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 28Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 29Page - Amphenol Corporation 31-71008-RFX Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
BNC 75 ohm
Amphenol
®
PCB Receptacles
130
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
v
Fig. 1
Description
Terminal
Dimensions, inches (mm)
Notes
Mtg.
Amphenol
Fig.
Type
a
b
Plt.
Ins.
Hole
Number
PCB Receptacle, Vertical, 4 Legs .176(4.5) Long/
Blunt Post
.831(21.1)
.433(11.0) dia
P17
D25
F
31-5329-72RFX
1
Post terminal .037(0.9)" Dia.
BNC PCB Receptacle (Jack)
Post Terminal, 4 Legs
.433" (11.0mm) Dia. Base
31-5329-72RFX
PRINTED CIRCUIT BOARD RECEPTACLE
a
b
.655
(16.6)
.176
(4.5)
.500
(12.7)
.155(3.9)
.037(0.9) dia.
.094(2.4)dia.
(4 places)
.135(3.4)
.050 (1.3) dia
.272(6.9)
v distributor stocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com