Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR365 Datasheet(PDF) 21 Page - Analog Devices

Part # ADR365
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR365 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADR365 Datasheet HTML 17Page - Analog Devices ADR365 Datasheet HTML 18Page - Analog Devices ADR365 Datasheet HTML 19Page - Analog Devices ADR365 Datasheet HTML 20Page - Analog Devices ADR365 Datasheet HTML 21Page - Analog Devices ADR365 Datasheet HTML 22Page - Analog Devices ADR365 Datasheet HTML 23Page - Analog Devices ADR365 Datasheet HTML 24Page - Analog Devices ADR365 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 21 of 32
Figure 55. ADR4533 Line Regulation vs. Temperature
Figure 56. ADR4533 Supply Current vs. Supply Voltage
Figure 57. ADR4533 Output Voltage Noise
(Maximum Amplitude from 0.1 Hz to 10 Hz)
Figure 58. ADR4533 Output Noise Spectral Density
Figure 59. ADR4533 Ripple Rejection Ratio vs. Frequency
Figure 60. ADR4533 Line Transient Response
TEMPERATURE (°C)
ADR4533
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–60
–40
–20
0
20
40
60
80
100
120
140
VIN (V)
0
900
800
700
600
500
400
300
200
100
0
2
4
6
8
10
12
16
15
14
13
1
3
5
7
9
11
–40°C
+25°C
+125°C
ADR4533
OUTPUT VOLTAGE NOISE DISTRIBUTION (µV p-p)
0
60
50
40
30
20
10
ADR4533
FREQUENCY (Hz)
1
1k
100
10
100k
0.01
0.1
1
10
100
1k
10k
ADR4533
FREQUENCY (kHz)
–130
–120
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
100k
0.01
0.1
1
10
100
1k
10k
ADR4533
CH1 1.00V
CH2 1.00mV
B
W
M200µs
A CH1
7.02V
2
1
ADR4533
INPUT
OUTPUT AC
CIN = 0.1µF
COUT = 1µF
T
T 12.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com