Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF103C Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SF103C
Description  10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER ITO-220 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SF103C Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SF103C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SF103C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER
Pb Free Product
FEATURES
* Low switching noise
* Low thermal resistance
* High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
* Glass passivated junction
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: ITO-220 Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.8 gram
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SF101FC SF102FC SF103FC SF104FC SF105FC SF106FC SF108FC
UNIT
Marking Code
SF101C SF102C SF103C SF104C SF105C SF106C SF108C
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current
at TC = 125℃
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
RΘJA
℃/W
Typical Junction Capacitance (Note 2)
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL SF101FC SF102FC SF103FC SF104FC SF105FC SF106FC SF108FC
UNIT
Maximum Forward Voltage at 5.0A DC(Note 3)
VF
1.75
Volts
Maximum Average Reverse Current at
@TC=25℃
Rated DC Blocking Voltage
@TC=100℃
Maximum Reverse Recovery Time (Note 1)
Trr
nS
NOTES :1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “A” =Common Anode.
2005.12
WILLAS ELECTRONIC CORP.
35
ITO-220 PACKAGE
SF108FC
WILLAS
μAmps
10.0
500
50
30
1.00
1.35
-65 to +150
100
3
-65 to +150
IR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SF101FC
CHARACTERISTICS
Amps
Amps
IO
IFSM
THRU
10.0
Dimensions in inches and (millimeters)
.039(1.00)
.023(0.60)
.055(1.40)
.039(1.00)
.187(4.70)
.169(4.30)
.134(3.40)
.110(2.80)
.031(0.80)
.016(0.40)
.114(2.9)
.098(2.5)
.138(3.50)
.122(3.10)
.531(13.5)
.492(12.5)
.406(10.3)
.382(9.70)
.602(15.3)
.579(14.7)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.154(3.90)
.138(3.50)


Similar Part No. - SF103C

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
SF103CT HORNBY-SF103CT Datasheet
301Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - SF103C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF1001G ETC1-SF1001G Datasheet
94Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF1004G-Q1 TSC-SF1004G-Q1 Datasheet
96Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_1 Datasheet
346Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G Datasheet
260Kb / 2P
10.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Kersemi Electronic Co.,...
MUR1605 KERSEMI-MUR1605 Datasheet
815Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier
logo
EM Microelectronic - MA...
MUR1505 EMMICRO-MUR1505 Datasheet
945Kb / 2P
15 amp super fast glass passivated rectifier
logo
SeCoS Halbleitertechnol...
SF10TD40 SECOS-SF10TD40 Datasheet
217Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SF10ED20F SECOS-SF10ED20F Datasheet
205Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
SF10TD40F SECOS-SF10TD40F Datasheet
209Kb / 2P
10.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com