Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR4525ARZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR4525ARZ-R7 Datasheet HTML 14Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 15Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 16Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 17Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 18Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 19Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 20Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 21Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. 0 | Page 18 of 32
Figure 39. ADR4530 Load Regulation vs. Temperature (Sinking)
Figure 40. ADR4530 Line Regulation vs. Temperature
Figure 41. ADR4530 Supply Current vs. Supply Voltage
Figure 42. ADR4530 Output Voltage Noise
(Maximum Amplitude from 0.1 Hz to 10 Hz)
Figure 43. ADR4530 Output Noise Spectral Density
Figure 44. ADR4530 Ripple Rejection Ratio vs. Frequency
TEMPERATURE (°C)
0
100
90
80
70
60
50
40
30
20
10
–60
–40
–20
0
20
40
60
80
100
120
140
ADR4530
TEMPERATURE (°C)
ADR4530
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
–60
–40
–20
0
20
40
60
80
100
120
140
VIN (V)
0
900
800
700
600
500
400
300
200
100
0
2
4
6
8
10
12
13
1
3
5
7
9
11
–40°C
+25°C
+125°C
ADR4530
OUTPUT VOLTAGE NOISE DISTRIBUTION (µV p-p)
0
100
90
80
70
60
50
40
30
20
10
ADR4530
FREQUENCY (Hz)
1
1k
100
10
100k
0.01
0.1
1
10
100
1k
10k
ADR4530
FREQUENCY (Hz)
–120
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
100M
10
100
1k
10k
100k
1M
10M
ADR4530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com