Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4540ARZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR4540ARZ-R7
Description  Ultralow Noise, High Accuracy
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4540ARZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR4540ARZ-R7 Datasheet HTML 9Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 10Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 11Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 12Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 13Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 14Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 15Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 16Page - Analog Devices ADR4540ARZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. 0 | Page 13 of 32
Figure 15. ADR4520 Output Impedance vs. Frequency
Figure 16. ADR4520 Output Voltage Drift Distribution After Reflow (SHR Drift)
Figure 17. ADR4520 Typical Long-Term Output Voltage Drift
(1000 Hours)
FREQUENCY (Hz)
0
60
50
40
30
20
10
1M
10
100
1k
10k
100k
ADR4520
RL = 100kΩ
CL = 10µF
RL = 1kΩ
CL = 10µF
RL = 1kΩ
CL = 1µF
RL = 100kΩ
CL = 1µF
OUTPUT VOLTAGE (%)
0
12
10
8
6
4
2
ADR4520
ADR4525
ADR4530
ADR4533
ADR4540
ADR4550
DURATION (Hours)
–80
80
60
40
20
0
–20
–40
–60
1000
0
200
400
600
800
100
300
500
700
900
ADR4520
ADR4525
ADR4530
ADR4533
ADR4540
ADR4550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com