Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA4331 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SDA4331
Description  PLL with I2C Bus for AM/FM Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SDA4331 Datasheet HTML 4Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 9Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 10Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 11Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SDA 4331X
Semiconductor Group
8
04.96
Inputs SCL, A0
H-input voltage
V
IH
0.7
×
V
DD1
V
DD1
V
L-input voltage
V
IL
0
0.3
×
V
DD1
V
Input leakage current
I
Leakage
– 10
10
µA0 ≤ V
IN ≤ VDD1
Input capacitance
C
10
pF
Outputs SA1, SA2, SA3, SA4, AM/FM (open drain outputs)
L-output voltage
V
QL
V
QL
0.4
0.1
V
V
I
QL = 1 mA
V
DD1 = 5 V
I
QL = 0.1 mA
Input
I
REF
Input current
I
IN
t.b.d. 100
t.b.d.
µA
Voltage at
I
REF
V
IREF
1.2
V
I
IN = 100 µA
Output PD
FM
PD current A
I
Q
± 4.5
mA
V
PD = 4 V
PD current B
I
Q
± 3mA
PD current C
I
Q
± 1.5
mA
PD current D
I
Q
± 150
µA
Output PD
AM
PD current A
I
Q
± 450
µA
V
PD = 4 V
PD current B
I
Q
± 300
µA
PD current C
I
Q
± 150
µA
PD current D
I
Q
± 30
µA
4.3
AC/DC Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com