Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB107S-G Datasheet(PDF) 4 Page - Comchip Technology

Part # DB107S-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DB107S-G Datasheet(HTML) 4 Page - Comchip Technology

  DB107S-G Datasheet HTML 1Page - Comchip Technology DB107S-G Datasheet HTML 2Page - Comchip Technology DB107S-G Datasheet HTML 3Page - Comchip Technology DB107S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 4
REV: B
QW-BBR50
Comchip Technology CO., LTD.
Marking Code
XX / XXX = Product type marking code
C = Comchip Logo
Standard Packaging
1) Suffix code after part number to specify packaging item .
Note:
Packaging
TUBE PACK
REEL PACK
Code
P
T
Case Type
DBS
50
TUBE
( pcs )
TUBE PACK
5,000
BOX
( pcs )
Case Type
DBS
1,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
+
-
C
DBxxS
~
~
DB101SP-G
DB102SP-G
DB103SP-G
DB104SP-G
DB105SP-G
DB106SP-G
Part Number
Marking code
DB107SP-G
DB101ST-G
DB102ST-G
DB103ST-G
DB104ST-G
DB105ST-G
DB106ST-G
DB107ST-G
DB101S
DB102S
DB103S
DB104S
DB105S
DB106S
DB107S
DB101S
DB102S
DB103S
DB104S
DB105S
DB106S
DB107S
Packaging
Tube
Tube
Tube
Tube
Tube
Tube
Tube
Reel
Reel
Reel
Reel
Reel
Reel
Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com