Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF08-G Datasheet(PDF) 2 Page - Comchip Technology

Part # DF08-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF08-G Datasheet(HTML) 2 Page - Comchip Technology

  DF08-G Datasheet HTML 1Page - Comchip Technology DF08-G Datasheet HTML 2Page - Comchip Technology DF08-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 2
REV: A
Rating and Characteristics Curves (DF005-G Thru. DF10-G)
QW-BBR75
1
10
100
Number of Cycle at 60Hz
0
50
100
150
0
0.4
0.8
1.0
Ambient Temperature, (°C)
Fig.3 - Typical Junction Capacitance
0.1
1
10
100
1
10
100
Reverse Voltage, (V)
0.2
0.6
Fig.4 - Typical Forward Characteristics
0
0.4
0.8
1.0
1.4
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10
0
30
50
10
20
40
1.2
0.6
0.2
Mounted on PC board, single
phase half wave, 60Hz,
resistive or inductive load
O
TJ=25 C
Pulse width: 300μS
2% duty cycle
Fig.5 - Typical Reverse Characteristics
20
40
60
80
0.01
1
100
Percent of Peak Reverse Voltage, (%)
1.8
1.6
100
120
140
0
0.1
10
Single half sine wave
(JEDEC Method)
O
TJ=25 C
f=1MHz
O
TJ=125 C
O
TJ=25 C
Comchip Technology CO., LTD.
20
FIG.1 - Derating Curve For Output
Rcetified Current
FIG. 2 - Maximum Non-Repetitive Peak
Forward Surge Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com