Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF206SP-G Datasheet(PDF) 4 Page - Comchip Technology

Part # DF206SP-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF206SP-G Datasheet(HTML) 4 Page - Comchip Technology

  DF206SP-G Datasheet HTML 1Page - Comchip Technology DF206SP-G Datasheet HTML 2Page - Comchip Technology DF206SP-G Datasheet HTML 3Page - Comchip Technology DF206SP-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 4
REV: D
QW-BBR47
Comchip Technology CO., LTD.
Standard Packaging
DF2005SP-G
DF201SP-G
DF202SP-G
DF204SP-G
DF206SP-G
DF208SP-G
Part Number
Marking code
Marking Code
XXX / XXXX = Product type marking code
C = Comchip Logo
+
-
C
DF xxxS
DF210SP-G
~
~
DF2005ST-G
DF201ST-G
DF202ST-G
DF204ST-G
DF206ST-G
DF208ST-G
DF210ST-G
DF2005S
DF201S
DF202S
DF204S
DF206S
DF208S
DF210S
DF 2005S
DF201S
DF202S
DF204S
DF206S
DF208S
DF210S
Packaging
Tube
Tube
Tube
Tube
Tube
Tube
Tube
Reel
Reel
Reel
Reel
Reel
Reel
Reel
Suggested PAD Layout
C
B
SIZE
(inch)
0.047 Min
(mm)
1.20 Min
5.21 REF
1.52 Min
0.205 REF
0.060 Min
DFS
10.26 Max
0.404 Max
A
B
C
D
D
A
Case Type
1,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Case Type
DFS
50
TUBE
( pcs )
TUBE PACK
5,000
BOX
( pcs )
DFS
1) Suffix code after part number to specify packaging item .
Note:
Packaging
TUBE PACK
REEL PACK
Code
P
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com