Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF210-G Datasheet(PDF) 1 Page - Comchip Technology

Part # DF210-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF210-G Datasheet(HTML) 1 Page - Comchip Technology

  DF210-G Datasheet HTML 1Page - Comchip Technology DF210-G Datasheet HTML 2Page - Comchip Technology DF210-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Glass Passivated Bridge Rectifiers
Page 1
REV: D
QW-BBR48
Comchip Technology CO., LTD.
DF2005-G Thru. DF210-G
Parameter
Unit
Dimensions in inches and (millimeter)
Features
-Rating to 1000V PRV
-Ideal for printed circuit board
-Low forward voltage drop,high current capability
-Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Mechanical Data
-Polarit: As marked on Body
-Weight: 0.38 grams
Maximum Reverse Peak Repetitive Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TA=40°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
2
I t Rating for Fusing (t<8.3ms)
Maximum Forward Voltage at 2.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125°C
Operating Temperature Range
Storage Temperature Range
@TJ = 25°C
Typical Junction Capacitance Per Element (Note 1)
Typical Thermal Resistance (Note 2)
Reverse Voltage: 50 to 1000V
Forward Current: 2.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF2005-G
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
2
I t
VF
IR
CJ
RθJA
TJ
TSTG
2.0
60
10.4
1.1
10
500
25
40
-55 ~ +150
-55 ~ +150
V
V
V
A
A
2
A s
V
μA
pF
°C
°C
°C/W
DF
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
0.102(2.6)
0.089(2.2)
0.335(8.50)
0.307(7.80)
0.022(0.55)
0.018(0.45)
0.323(8.20)
0.315(8.00)
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Unit mounted on P.C.B with 0.50"×0.50” (13×13mm) copper pads.
DF201-G
DF202-G
DF204-G
DF206-G
DF208-G
DF210-G
0.031(0.8)
0.023(0.6)
0.256(6.5)
0.244(6.2)
0.063(1.6)
0.055(1.4)
-The plastic material has UL flammability
classification 94V-0
-Mounting position: Any
0.350(8.90)
0.311(7.90)
0.193(4.9)
0.165(4.2)
0.205(5.20)
0.197(5.00)
Symbol
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - DF210-G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF210 DIOTECH-DF210 Datasheet
920Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
DF210 PACELEADER-DF210 Datasheet
187Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF210 FORMOSA-DF210 Datasheet
144Kb / 6P
Bridge Rectifier
logo
Chip Integration Techno...
DF210 CITC-DF210 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
First Silicon Co., Ltd
DF210 FS-DF210 Datasheet
1Mb / 2P
Bridge Rectifier
More results

Similar Description - DF210-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com