Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005ST-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # DF005ST-HF
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF005ST-HF Datasheet(HTML) 4 Page - Comchip Technology

  DF005ST-HF Datasheet HTML 1Page - Comchip Technology DF005ST-HF Datasheet HTML 2Page - Comchip Technology DF005ST-HF Datasheet HTML 3Page - Comchip Technology DF005ST-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 4
REV: B
QW-JBR01
Comchip Technology CO., LTD.
Marking Code
XX / XXX = Product type marking code
C = Comchip Logo
+
-
C
DF xxS
~
~
Part Number
Marking code
DF005SP-HF
DF01SP-HF
DF02SP-HF
DF04SP-HF
DF06SP-HF
DF08SP-HF
DF10SP-HF
DF005ST-HF
DF01ST-HF
DF02ST-HF
DF04ST-HF
DF06ST-HF
DF08ST-HF
DF10ST-HF
Packaging
Tube
Tube
Tube
Tube
Tube
Tube
Tube
Reel
Reel
Reel
Reel
Reel
Reel
Reel
DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S
DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S
Standard Packaging
Suggested PAD Layout
C
B
SIZE
(inch)
0.047 Min
(mm)
1.20 Min
5.21 REF
1.52 Min
0.205 REF
0.060 Min
DFS
10.26 Max
0.404 Max
A
B
C
D
D
A
1) Suffix code after part number to specify packaging item .
Note:
Packaging
TUBE PACK
REEL PACK
Code
P
T
Case Type
DFS
50
TUBE
( pcs )
TUBE PACK
5,000
BOX
( pcs )
Case Type
DFS
1,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com