Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02ST-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # DF02ST-HF
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF02ST-HF Datasheet(HTML) 2 Page - Comchip Technology

  DF02ST-HF Datasheet HTML 1Page - Comchip Technology DF02ST-HF Datasheet HTML 2Page - Comchip Technology DF02ST-HF Datasheet HTML 3Page - Comchip Technology DF02ST-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 2
REV: B
Rating and Characteristics Curves (DF005S-HF Thru. DF10S-HF)
QW-JBR01
Comchip Technology CO., LTD.
Fig.2 Maximum Non-repetitive Surge Current
-
1
10
100
Number Of Cycle At 60Hz
Fig.1 - Forward Current Derating Curve
0
50
100
150
0
0.4
0.8
1.0
Ambient Temperature, (°C)
0.2
0.6
Fig.4 Typical Forward Characteristics
-
0
0.4
0.8
1.0
1.4
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10
0
20
40
10
30
1.2
0.6
0.2
Mounted on PC board, single
phase half wave, 60Hz,
resistive or inductive load
TJ=25°C
Pulse width: 300us
2% duty cycle
1.8
1.6
Single half sine wave
(JEDEC method)
Fig.5 Typical Reverse Characteristics
-
20
40
60
80
0.01
1.0
100
Percent of Peak Reverse Voltage, (%)
100
120
140
0
0.1
10
TJ=125°C
TJ=25°C
Fig.3 Typical Junction Capacitance
-
0.1
1
10
100
1
10
100
Reverse Voltage, (V)
TJ=25°C
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com