Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GT-G Datasheet(PDF) 3 Page - Comchip Technology

Part # FR207GT-G
Description  Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR207GT-G Datasheet(HTML) 3 Page - Comchip Technology

  FR207GT-G Datasheet HTML 1Page - Comchip Technology FR207GT-G Datasheet HTML 2Page - Comchip Technology FR207GT-G Datasheet HTML 3Page - Comchip Technology FR207GT-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:A
Comchip Technology CO., LTD.
B
Taping Specification For Axial Lead Diodes
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
Fast Recovery Rectifiers
D
D
Do
D1
W0
B
Z
T
E
5.00 ± 0.50
52.00 ± 0.50
6.00 ± 0.40
1.20 (max)
3.00 (max)
2.047 ± 0.020
0.197 ± 0.020
0.047 (max)
0.236 ± 0.016
0.118 (max)
A
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
SYMBOL
(mm)
(inch)
DO-15
SYMBOL
(mm)
(inch)
DO-15
L
W
H
75.00
2.953
145.00
5.709
260.00
10.236
D
330.00
13.000
D1
D0
85.70 ± 0.30
3.374 ± 0.012
16.60 ± 0.40
0.654 ± 0.016
W0
72.00 ± 3.00
2.835 ± 0.118
QW-BF010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com