Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF202ST-G Datasheet(PDF) 1 Page - Comchip Technology

Part # DF202ST-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF202ST-G Datasheet(HTML) 1 Page - Comchip Technology

  DF202ST-G Datasheet HTML 1Page - Comchip Technology DF202ST-G Datasheet HTML 2Page - Comchip Technology DF202ST-G Datasheet HTML 3Page - Comchip Technology DF202ST-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 1
QW-BBR47
Comchip Technology CO., LTD.
DF2005S-G Thru. DF210S-G
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
Features
-Rating to 1000V PRV
-Ideal for printed circuit board
-Low forward voltage drop,high current capability
-Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Mechanical Data
-Polarit:As marked on Body
-Weight:0.02 ounces, 0.38 grams
Maximum Reverse Peak Repetitive Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @TA=40°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
2
I t Rating for Fusing (t<8.3ms)
Maximum Forward Voltage at 2.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =125°C
Operating Temperature Range
Storage Temperature Range
@
°C
TJ = 25
Typical Junction Capacitance Per Element (Note 1)
Typical Thermal Resistance (Note 2)
Reverse Voltage: 50 to 1000V
Forward Current: 2.0A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified.
°C
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF2005S-G
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
2
I t
VF
IR
CJ
RθJA
TJ
TSTG
2.0
60
10.4
1.1
10
500
25
40
-55 ~ +150
-55 ~ +150
V
V
V
A
A
2
A s
V
μA
pF
°C
°C
°C/W
DFS
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
0.102(2.6)
0.087(2.2)
0.406(10.30)
0.394(10.00)
0.335(8.50)
0.307(7.80)
0.014(0.35)
0.008(0.20)
0.205(5.20)
0.197(5.00)
0.047(1.20)
0.037(0.95)
0.323(8.2)
0.315(8.0)
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Unit mounted on P.C.B with 0.50"×0.50” (13×13mm) copper pads.
DF201S-G
DF202S-G
DF204S-G
DF206S-G
DF208S-G
DF210S-G
0.031(0.80)
0.023(0.60)
0.256(6.50)
0.244(6.20)
0.063(1.6)
0.055(1.4)
-The plastic material has UL flammability
classification 94V-0
-Mounting position:Any
~
~
+
-
REV: D


Similar Part No. - DF202ST-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF202ST-G COMCHIP-DF202ST-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF202ST-G COMCHIP-DF202ST-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results

Similar Description - DF202ST-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com