Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1502ST-G Datasheet(PDF) 4 Page - Comchip Technology

Part # DF1502ST-G
Description  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF1502ST-G Datasheet(HTML) 4 Page - Comchip Technology

  DF1502ST-G Datasheet HTML 1Page - Comchip Technology DF1502ST-G Datasheet HTML 2Page - Comchip Technology DF1502ST-G Datasheet HTML 3Page - Comchip Technology DF1502ST-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Standard Packaging
DF15005SP-G
DF1501SP-G
DF1502SP-G
DF1504SP-G
DF1506SP-G
DF1508SP-G
Part Number
Marking code
Marking Code
XX / XXX = Product type marking code
C = Comchip Logo
+
-
C
DF
S
DF1510SP-G
~
~
DF15005ST-G
DF1501ST-G
DF1502ST-G
DF1504ST-G
DF1506ST-G
DF1508ST-G
DF1510ST-G
Packaging
Tube
Tube
Tube
Tube
Tube
Tube
Tube
Reel
Reel
Reel
Reel
Reel
Reel
Reel
SMD Glass Passivated Bridge Rectifiers
QW-BBR49
Comchip Technology CO., LTD.
Page 4
DF
005S
15
DF
01S
15
DF
02S
15
DF
04S
15
DF
06S
15
DF
08S
15
DF
10S
15
DF
005S
15
DF
01S
15
DF
02S
15
DF
04S
15
DF
06S
15
DF
08S
15
DF
10S
15
15xx
Suggested PAD Layout
C
B
D
A
1) Suffix code after part number to specify packaging item .
Note:
Packaging
TUBE PACK
REEL PACK
Code
P
T
Case Type
DFS
50
TUBE
( pcs )
TUBE PACK
5,000
BOX
( pcs )
Case Type
DFS
1,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
SIZE
(inch)
0.047 Min
(mm)
1.20 Min
5.21 REF
1.52 Min
0.205 REF
0.060 Min
DFS
10.26 Max
0.404 Max
A
B
C
D
REV: D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com