Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G-G Datasheet(PDF) 4 Page - Comchip Technology

Part # HER201G-G
Description  High Efficiency Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HER201G-G Datasheet(HTML) 4 Page - Comchip Technology

  HER201G-G Datasheet HTML 1Page - Comchip Technology HER201G-G Datasheet HTML 2Page - Comchip Technology HER201G-G Datasheet HTML 3Page - Comchip Technology HER201G-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
Standard Packaging
Marking Code
XXX = Product type marking code
Marking code
HER201G
HER202G
HER203G
HER204G
HER205G
HER206G
HER207G
HER208G
HER201G
HER202G
HER203G
HER204G
HER205G
HER206G
HER207G
HER208G
HER201G
HER202G
HER203G
HER204G
HER205G
HER206G
HER207G
HER208G
Part Number
HER201GT-G
HER202GT-G
HER203GT-G
HER204GT-G
HER205GT-G
HER206GT-G
HER207GT-G
HER208GT-G
HER201GB-G
HER202GB-G
HER203GB-G
HER204GB-G
HER205GB-G
HER206GB-G
HER207GB-G
HER208GB-G
HER201GA-G
HER202GA-G
HER203GA-G
HER204GA-G
HER205GA-G
HER206GA-G
HER207GA-G
HER208GA-G
Packaging
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
REEL
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
BULK
BULK
1) Suffix code after part number to specify packaging item .
Note:
Packaging
AMMO PACK
REEL PACK
Code
A
T
BULK PACK
B
Case Type
DO-15
500
BOX
( pcs )
BULK PACK
CARTON
( pcs )
12,000
Case Type
DO-15
2,000
BOX
( pcs )
3,000
AMMO PACK
CARTON
( pcs )
20,000
30,000
Case Type
DO-15
4,000
REEL
( pcs )
REEL PACK
Reel Size
(inch)
13
High Efficiency Rectifiers
REV:A
Comchip Technology CO., LTD.
QW-BU011
HERXXXG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com