Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBL401-G Datasheet(PDF) 2 Page - Comchip Technology

Part # KBL401-G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBL401-G Datasheet(HTML) 2 Page - Comchip Technology

  KBL401-G Datasheet HTML 1Page - Comchip Technology KBL401-G Datasheet HTML 2Page - Comchip Technology KBL401-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
REV: A
Rating and Characteristics Curves (KBL4005-G Thru. KBL410-G)
QW-BBR70
Comchip Technology CO., LTD.
0
50
100
150
0.0
1.0
3.0
4.0
Ambient Temperature, (°C )
2.0
Fig.1 - Derating Curve Output Rectified
Fig.2 - Maximum Forward Surge
1
10
100
Number Of Cycle At 60Hz
0
120
150
Current
110
130
140
Fig.4 - Typical Reverse Characteristics
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage,(V)
0.1
1.0
10.0
120
60
20
Fig.3 - Typical Forward Characteristics
Instantaneous Forward Voltage , (V)
0
1.0
10
100
0.1
0.01
0.2
1.2
1.4
1.6
0.4
1.0
TJ=25°C
Current
Glass Passivated Bridge Rectifiers
5.0
6.0
TJ=25°C
0.6
0.8
1.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com