Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC50005-G Datasheet(PDF) 1 Page - Comchip Technology

Part # KBPC50005-G
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBPC50005-G Datasheet(HTML) 1 Page - Comchip Technology

  KBPC50005-G Datasheet HTML 1Page - Comchip Technology KBPC50005-G Datasheet HTML 2Page - Comchip Technology KBPC50005-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Bridge Rectifiers
Page 1
REV:A
KBPC10005-G Thru. KBPC5010-G Series
Parameter
Symbol
Unit
Dimensions in inches and (millimeter)
QW-BBR55
Maximum Reverse Peak Repetitive Voltage
Maximum Average Forward
Rectified Output Current
@Tc=55°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load
Operating Temperature Range
Storage Temperature Range
Reverse Voltage: 50 to 1000V
Forward Current: 10/15/25/35/50A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBPC-G
50
15005
25005
VRRM
I(AV)
IFSM
VF
IR
TJ
TSTG
1.1
10.0
-55 to +125
-55 to +150
V
V
V
A
A
V
μA
°C
KBPC
KBPC-G
100
1501
2501
KBPC-G
200
1504
2504
KBPC-G
400
1506
2506
KBPC-G
600
KBPC-G
800
1508
2508
KBPC-G
1000
1510
2510
Comchip Technology CO., LTD.
10005
1001
1004
1006
1008
1010
Maximum Reverse Current at rate
DC Blocking Voltage Per Element @ TJ=25°C
Maximum Forward Voltage Drop Per Element
at 5.0/7.5/12.5/17.5/25.0A Peak
TJ
35005
V
3501
3504
3506
3508
3510
50005
V
5001
5004
5006
5008
5010
1502
2502
1002
3502
5002
Maximum RMS Bridge Input Voltage
35
VRMS
V
70
140
280
420
560
700
Parameter
KBPC10
Symbol
KBPC15
KBPC25
KBPC35
KBPC50
10
15
25
35
50
240
300
400
400
500
Unit
Hole for
No.8 screw
193"(4.9)diam
diam
0.94
(2.4)
0.442(11.23)
0.424(10.77)
0.921(23.40)
0.882(22.40)
0.035(0.90)
0.028(0.70)
0.254(6.45)
0.242(6.15)
1.133(28.80)
1.114(28.30)
0.673(17.10)
0.634(16.10)
0.732(18.60)
0.693(17.60)
0.673(17.10)
0.634(16.10)
0.583(14.80)
0.543(13.80)
1.133(28.80)
1.114(28.30)
°C
Features
-Surge overload-240~500 Amperes peak
-Low forward voltage drop
Mechanical Data
-Polarit:As marked on Body
-Mounting position:Any
-Electrically isolated base -2000 Volts
-Materials used carries U/L recognition
-Weight: 28.82grams
Maximum DC Blocking Voltage
50
VDC
V
100
200
400
600
800
1000


Similar Part No. - KBPC50005-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBPC50005-5010 COMCHIP-KBPC50005-5010 Datasheet
59Kb / 3P
High Current Bridge Rectifier
More results

Similar Description - KBPC50005-G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com