Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1008W-G Datasheet(PDF) 2 Page - Comchip Technology

Part # KBPC1008W-G
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBPC1008W-G Datasheet(HTML) 2 Page - Comchip Technology

  KBPC1008W-G Datasheet HTML 1Page - Comchip Technology KBPC1008W-G Datasheet HTML 2Page - Comchip Technology KBPC1008W-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Bridge Rectifiers
Page 2
REV: A
Rating and Characteristics Curves (KBPC10005W-G Thru. KBPC5010W-G Series)
QW-BBR56
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Number Of Cyclets at 60HZ
Fig.1- Maximum Forward Surge
1
100
150
Case Temperature,(°C)
0
10
20
40
30
Fig.4- Typical Forward Characteristics
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage,(V)
0.1
1.0
10.0
120
60
20
Fig.3- Typical Forward Characteristics
Instantaneous Forward Voltage , (V)
Fig.2- Derating Curve Output
Current
Rectified
1
10
100
0
100
200
500
400
300
600
KBPC50W-G
KBPC25W-G/35W-G
KBPC15W-G
KBPC10W-G
50
50
KBPC50W-G
KBPC35W-G
KBPC25W-G
KBPC15W-G
KBPC10W-G
0.4
1.0
10
100
0.1
0.01
0.6
1.2
1.4
1.6
0.8
1.0
Current
KBPC35W-G/50W-G
KBPC25W-G
KBPC10W-G
KBPC15W-G
TJ=25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com