Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB345EB-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SB345EB-G
Description  ESD Leaded Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB345EB-G Datasheet(HTML) 1 Page - Comchip Technology

  SB345EB-G Datasheet HTML 1Page - Comchip Technology SB345EB-G Datasheet HTML 2Page - Comchip Technology SB345EB-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
QW-BB042
Page 1
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.5” (12.7mm) lead length at TA=75°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
3.0A (Note 1)
orward voltage at
Maximum DC reverse current
At rated DC blocking voltage
Typical junction capacitance (Note 2)
Operating junction temperature range
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ
-65 to +150
V
V
V
A
A
V
pF
°C/W
mA
NOTES:
1. Pulse test : 300µS pulse width, 1% duty cycle.
2.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
Voltage: 20 to 100 V
Current: 3.0 A
RoHS Device
SB320E-G Thru. SB3100E-G
Dimensions in inches and (millimeter)
DO-201AD
Storage temperature range
Comchip Technology CO., LTD.
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted 0.500” (12.7mm)
pad.
lead length with 2.5x2.5” (63.5x63.5mm) copper
1.0(25.4) Min.
1.0(25.4) Min.
0.375(9.5)
0.287(7.3)
0.210(5.3)
0.189(4.8)
0.052(1.3)
0.048(1.2)
TSTG
°C
°C
Typical t
(Note 3)
hermal resistance
RθJA
RθJL
20
20
40
40
45
45
50
50
60
60
80
80
100
100
14
28
30
35
42
56
70
3.0
-65 to +150
-65 to +125
20
30
40.0
20.0
0.5
0.50
0.85
0.70
250
80
Unit
SB
320E-G
SB
340E-G
SB
345E-G
SB
350E-G
SB
360E-G
SB
3100E-G
SB
380E-G
Features
Mechanical data
-Low drop down voltage.
-
.
3.0A operation at TA=75°C with no thermal runaway
-For use in low voltage, high frequency invertors free
wheeling and polarity protection
.
-Silicon epitaxial planar chips.
-Lead-free part, meet RoHS requirements.
-Epoxy: UL94-V0 rated flame retardant
-Case: Molded plastic body DO-201AD
-Terminals: Solderable per MIL-STD-750 Method 2026
-Polarity: Color band denotes cathode end
-Mounting Position: Any
-Weight: 1.12 grams
-ESD test under IEC6100-4-2 :
Standard: >15KV(Air) & 8KV(Contact)
TA= 25°C
TA=100°C
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - SB345EB-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB345 UTC-SB345 Datasheet
133Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
Comchip Technology
SB345B-G COMCHIP-SB345B-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
logo
Unisonic Technologies
SB345G-Z21D-B UTC-SB345G-Z21D-B Datasheet
133Kb / 3P
SCHOTTKY BARRIER RECTIFIER
SB345L-Z21D-B UTC-SB345L-Z21D-B Datasheet
133Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB345EB-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
Low VF/ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
Low VF/ESD Leaded Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
3.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com