Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB545EB-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SB545EB-G
Description  ESD Leaded Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB545EB-G Datasheet(HTML) 1 Page - Comchip Technology

  SB545EB-G Datasheet HTML 1Page - Comchip Technology SB545EB-G Datasheet HTML 2Page - Comchip Technology SB545EB-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
QW-BB043
Page 1
REV:A
Parameter
Symbol
Unit
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.5” (12.7mm) lead length at TA=75°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
5.0A (Note 1)
orward voltage at
Maximum DC reverse current
TA=25°C
At rated DC blocking voltage
TA=100°C
Typical junction capacitance (Note 2)
Operating junction temperature range
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ
-65 to +150
V
V
V
A
A
V
pF
°C/W
mA
NOTES:
1. Pulse test : 300µS pulse width, 1% duty cycle.
2.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
Voltage: 20 to 100 V
Current: 5.0 A
RoHS Device
SB520E-G Thru. SB5100E-G
Dimensions in inches and (millimeter)
DO-201AD
Storage temperature range
Comchip Technology CO., LTD.
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted 0.500” (12.7mm) lead length with 2.5x2.5” (63.5x63.5mm) copper
pad.
1.0(25.4) Min.
1.0(25.4) Min.
0.375(9.5)
0.287(7.3)
0.210(5.3)
0.189(4.8)
0.052(1.3)
0.048(1.2)
TSTG
°C
°C
Typical t
(Note 3)
hermal resistance
RθJA
RθJL
20
20
40
40
45
45
50
50
60
60
80
80
100
100
14
28
30
35
42
56
70
5.0
-65 to +150
-65 to +125
30
50
35.0
15.0
0.5
0.55
0.85
0.70
500
150
125
Features
Mechanical data
-Low drop down voltage.
-
.
5.0A operation at TA=75°C with no thermal runaway
-For use in low voltage, high frequency invertors free
wheeling and polarity protection
.
-Silicon epitaxial planar chips.
-Lead-free part, meet RoHS requirements.
-Epoxy: UL94-V0 rated flame retardant
-Case: Molded plastic body DO-201AD
-Terminals: Solderable per MIL-STD-750 Method 2026
-Polarity: Color band denotes cathode end
-Mounting Position: Any
-Weight: 1.12grams
SB
520E-G
SB
540E-G
SB
545E-G
SB
550E-G
SB
560E-G
SB
5100E-G
SB
580E-G
-ESD test under IEC6100-4-2 :
Standard: >15KV(Air) & 8KV(Contact)
Comchip
S M D D i o d e S p e c i a l i s t
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.


Similar Part No. - SB545EB-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB545B-G COMCHIP-SB545B-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
SB545L SIRECT-SB545L Datasheet
181Kb / 3P
Power Schottky Rectifier - 5Amp 45Volt
logo
First Silicon Co., Ltd
SB545L FS-SB545L Datasheet
446Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
2022 02 03 Revision No : 1
logo
Guangdong Huixin Electr...
SB545L HUIXIN-SB545L Datasheet
80Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Comchip Technology
SB545T-G COMCHIP-SB545T-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
More results

Similar Description - SB545EB-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
Low VF/ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
Low VF/ESD Leaded Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
3.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com