Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1040-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SF1040-G
Description  SMD Super Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SF1040-G Datasheet(HTML) 2 Page - Comchip Technology

  SF1040-G Datasheet HTML 1Page - Comchip Technology SF1040-G Datasheet HTML 2Page - Comchip Technology SF1040-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
QW-BS006
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (EF1005-G Thru. EF1060-G)
SMD Super Fast Recovery Rectifiers
0
100
150
0
4
10
Case Temperature, (°C )
6
Fig.1- Typical Forward Current Derating
2
8
50
Fig.5- Typical Junction Capacitance
0.1
10.0
100
Reverse Voltage , (V)
1
10
Fig.3- Typical Reverse Characteristics
20
Percent of Rated Peak Reverse Voltage, (%)
100
1000
0.1
10
1.0
40
60
80
100
TJ =125°C
TJ =75°C
TJ =25°C
1.0
Fig.4- Typical Instantaeous Forward
0.6
1.0
2.0
1.8
Instantaneous Forward Voltage, (V)
0.1
1.0
10
1.4
0.8
1.2
1.6
100
200
TJ = 25°C
Pulse width 300us
TJ = 25°C
50-200V
120
140
0
12
Curve
Fig.2- Maximum Non-Repetitive Forward
Number of Cycles at 60Hz
Surge Current
1
10
100
0
25
50
125
100
150
75
(JEDEC Method)
8.3ms Single half-sine-wave
Characteristics
300-400V
600V
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com