Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB2S Datasheet(PDF) 2 Page - Comchip Technology

Part # TB2S
Description  Silicon Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TB2S Datasheet(HTML) 2 Page - Comchip Technology

  TB2S Datasheet HTML 1Page - Comchip Technology TB2S Datasheet HTML 2Page - Comchip Technology TB2S Datasheet HTML 3Page - Comchip Technology TB2S Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (TB2S-G thru TB10S-G)
Ambient temperature, (°C)
150
125
100
75
50
25
Fig.2 Forward Derating Curve
-
0
0.25
0.5
0.75
1.0
Resistive or Inductive Load
Number of Cycles at 60Hz
1
Fig.4 Peak Forward Surge Current
-
0
10
20
30
40
10
100
Pulse width 8.3mS,
single half-sine wave
(JEDEC Method)
Percent of Rated Peak Reverse Voltage, (%)
0
Fig.3 Typical Reverse Characteristics
-
1.0
10
100
1000
10000
20
40
60
80
100
120
140
O
TA=25 C
O
TA=100 C
Instantaneous Forward Voltage, (V)
0.7
Fig.1 - Typical Forward Characteristics
0.01
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.1
1.0
Comchip Technology CO., LTD.
QW-BBR53
Page 2
REV:A
0.4
Aluminum Substrate
Glass
P.C.B
Epoxy
10000
Silicon Bridge Rectifiers
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com