Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB520EB-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SB520EB-G
Description  ESD Leaded Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB520EB-G Datasheet(HTML) 2 Page - Comchip Technology

  SB520EB-G Datasheet HTML 1Page - Comchip Technology SB520EB-G Datasheet HTML 2Page - Comchip Technology SB520EB-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (
)
SB520E-G Thru. SB5100E-G
Page 2
QW-BB043
REV:A
Fig.1 Forward Current Derating Curve
0
O
Lead Temperature (
C)
0
75
175
Fig.2 Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
50
100
125
2.0
4.0
6.0
Fig.4A Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
25
150
Fig.5 Typical Junction Capacitance per leg
Reverse Voltage (V)
ESD Leaded Schottky Barrier Rectifiers
5.0
3.0
1.0
Comchip Technology CO., LTD.
1
10
100
200
150
100
50
0
SB520E-G ~ SB545E-G
SB550E
~ SB5100E
-G
-G
TL=110°C
8.3mS single half sine-wave
(JEDEC Method)
TJ=25°C
TJ=100°C
SB520
~ SB545E
E-G
-G
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
TJ=125°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50
10
1
0.1
0.01
SB520E
~ SB545E
-G
-G
SB550E
~ SB560E
-G
-G
SB580E
~ SB5100E
-G
-G
0.1
1.0
10
100
1,000
10,000
100
TJ=25°C
f=1.0MHz
Vsig=50mVp-p
Fig.4B Typeical Reverse Characteristic
Percent of Rated Peak Reverse Voltage ( %)
SB550E
~ SB5100E
-G
-G
TJ=25°C
TJ=75°C
TJ=125°C
2
10
1
10
3
10
4
10
5
10
1
0
20
40
60
80
100
TJ=150°C
SB520E-G ~ SB545E-G
SB550E-G ~ SB5100E-G
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
Fig.3 Typical Instantaneous Forward
Characteristics
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com