Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES51981 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES51981
Description  3 1/2 AUTO DMM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES51981 Datasheet HTML 9Page - Cyrustek corporation ES51981 Datasheet HTML 10Page - Cyrustek corporation ES51981 Datasheet HTML 11Page - Cyrustek corporation ES51981 Datasheet HTML 12Page - Cyrustek corporation ES51981 Datasheet HTML 13Page - Cyrustek corporation ES51981 Datasheet HTML 14Page - Cyrustek corporation ES51981 Datasheet HTML 15Page - Cyrustek corporation ES51981 Datasheet HTML 16Page - Cyrustek corporation ES51981 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
11/01/05
13
ES51981
3 1/2 AUTO DMM
4.1 FUNCTUON
This packet indicates the measurement mode of the meter. The following table
summarizes the transmitted code for each mode. Note that the encoding of this packet is
different from the encoding of FC1-FC4 switch.
Code
Measurement Mode
0111011
Voltage
0111101
µA Current
0111111
mA Current
0110000
Auto A current
0111001
Manual A Current
0110011
Ω
0110101
Continuity
0110001
Diode
0110100
1*Temperature
0111110
ADP0
0111100
ADP1
0111000
ADP2
0111010
ADP3
Note: 1*.The judge bit in the Status packet determines whether the unit is Celcius or
Fahrenheit.
4.2 RANGE
This packet indicates the full scale range of the meter. When the meter operates in
continuity mode, diode mode, or current (A) mode, this packet is always 0110000 since
the full scale range in these modes are fixed. The following table lists the code for each
range in each measurement mode.
Code
V
mA
µA
Auto A
Ω
0110000
2.000V
20.00mA
200.0µA
2.000 A
200.0Ω
0110001
20.00V
200.0mA
2000µA
20.00 A
2.000KΩ
0110010
200.0V
20.00KΩ
0110011
2000V
200.0KΩ
0110100
200.0mV
2.000MΩ
0110101
20.00MΩ
0110110
4.3 DIGIT 3 – DIGIT 0
Digit 3 is the most significant digit on the LCD panel, and digit 0 is the least significant
digit. When the LCD panel shows OL, the serial port outputs 2000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com