Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES51995 Datasheet(PDF) 21 Page - Cyrustek corporation

Part # ES51995
Description  DMM Analog front end with PEAK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 Datasheet(HTML) 21 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 17Page - Cyrustek corporation ES51995 Datasheet HTML 18Page - Cyrustek corporation ES51995 Datasheet HTML 19Page - Cyrustek corporation ES51995 Datasheet HTML 20Page - Cyrustek corporation ES51995 Datasheet HTML 21Page - Cyrustek corporation ES51995 Datasheet HTML 22Page - Cyrustek corporation ES51995 Datasheet HTML 23Page - Cyrustek corporation ES51995 Datasheet HTML 24Page - Cyrustek corporation ES51995 Datasheet HTML 25Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ver. 2.8
12/01/12
21
ES51995(6000counts)
DMM Analog front end with PEAK
2.9 ADP mode
MPU send write command to select the ADP mode measurement function. The Hz mode
measurement is available to be enabled with the ADP AC function (set AC bit to 1)
simultaneously. The measured signal is applied to ADP terminal (pin39). The signal full
scale is 600mV for DC mode and 600mVrms for AC mode. The FS60 control bit is used for
ADP DC mode. When FS60=1, the full scale will be change from 600mV to 60mV. It
means the resolution will be improved to 0.01mV, but the ADC conversion rate will be
reduced to 0.9 /sec.
See the next table of function command:
F3
F2
F1
F0
AC
Measurement mode
Read data bytes
1
0
0
1
0
ADP DC mode
D0(0:18), D1(0:9)
1
0
0
1
1
ADP AC mode
D0(0:18), D1(0:9)
1
0
1
0
1
ADP + Hz mode
D0(0:18), D1(0:9), D3(0:18)
Note1: D0/D1/D3 all are binary format. ASIGN/BSIGN are the sign bit of D0/D1, respectively.
Note2: See PEAK mode (section 2.10) also.
Frequency range control for ADP+Hz mode
FQ2 FQ1 FQ0 Full Scale Range
0
0
0
60.00Hz
0
0
1
600.0Hz
0
1
0
6.000kHz
0
1
1
60.00kHz
Note: See frequency mode (section 2.8) also
If MPU set the control bit EXT_ADP=1, the voltage on EXTSRC pin could be switched to
ADP terminal internally. It is helpful for a voltage pulled application of ADP mode.
ADC IN+
ADC IN-
SGND
pull high or low
EXT_ADP
ADP_IN
External source
ADC IN+
ADC IN-
SGND
pull high or low
EXT_ADP
ADP_IN
External source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com