Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8603EP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM8603EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8603EP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM8603EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM8603EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
DM8603
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
Preliminary datasheet
13
DM8603-12-DS-P01
November 8, 2010
5.4
Clock Interface
Pin No.
Pin Name
I/O
Description
52
X1
I
Crystal or OSC 25MHz Input
53
X2
O
Crystal 25MHz Output
5.5
Network Interface
Pin No.
Pin Name
I/O
Description
34
35
P1_TX+
P1_TX -
I/O
Port 1 TP TX
These two pins are the Twisted Pair transmit in MDI
mode or receive in MDIX mode
37
38
P1_RX+
P1_RX-
I/O
Port 1 TP RX
These two pins are the Twisted Pair receive in MDI
mode or transmit in MDIX mode
41
42
P0_TX+
P0_TX-
I/O
Port 0 TP TX
These two pins are the Twisted Pair transmit in MDI
mode or receive in MDIX mode
44
45
P0_RX+
P0_RX -
I/O
Port 0 TP RX
These two pins are the Twisted Pair receive in MDI
mode or transmit in MDIX mode
47
BGRES
I/O
Band-Gap Pin
Connect a 6.8K±1% ohm resistor to BGGND in
application
48
BGGND
P
Band-Gap Ground
49
VCNTL
I/O
1.8V Voltage Control
50
VREF
O
Voltage Reference
Connect a 0.1uF capacitor to ground in application
5.6
Miscellaneous Pins
Pin No.
Pin Name
I/O
Description
30
PWRST#
I
Power on Reset
Low active with minimum 1ms
60
SMI_MDC
I
Serial Data Management Interface Clock
62
SMI_MDIO
I/O
Serial Data Management Interface Data In/Out
32
TEST1
I,PD
Test Pin 1
Tie to DVDD33 in application
59
TEST2
I,PD
Test Pin 2
Tie to DVDD33 in application
63
TEST3
I,PD
Test Pin 3
Tie to DVDD33 in application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com