Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010BI Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
21
Version: DM9010BI--DS-P01
January 12, 2010
This bit will not be affected after software reset
2
LINKST
P0,RO
When set, it indicates that Link Change and Link Status Change Event occurred
This bit will not be affected after software reset
1
SAMPLEST
P0,RO
When set, it indicates that the sample frame is received and Sample Frame Event
occurred. This bit will not be affected after software reset
0
MAGICST
P0,RO
When set, indicates the Magic Packet is received and Magic packet Event
occurred. This bit will not be affected after a software reset
6.16 Physical Address Register (10H~15H)
Bit
Name
Default
Description
7:0
PAB5
E,RW
Physical Address Byte 5 (15H)
7:0
PAB4
E,RW
Physical Address Byte 4 (14H)
7:0
PAB3
E,RW
Physical Address Byte 3 (13H)
7:0
PAB2
E,RW
Physical Address Byte 2 (12H)
7:0
PAB1
E,RW
Physical Address Byte 1 (11H)
7:0
PAB0
E,RW
Physical Address Byte 0 (10H)
6.17 Multicast Address Register (16H~1DH)
Bit
Name
Default
Description
7:0
MAB7
X,RW
Multicast Address Byte 7 (1DH)
7:0
MAB6
X,RW
Multicast Address Byte 6 (1CH)
7:0
MAB5
X,RW
Multicast Address Byte 5 (1BH)
7:0
MAB4
X,RW
Multicast Address Byte 4 (1AH)
7:0
MAB3
X,RW
Multicast Address Byte 3 (19H)
7:0
MAB2
X,RW
Multicast Address Byte 2 (18H)
7:0
MAB1
X,RW
Multicast Address Byte 1 (17H)
7:0
MAB0
X,RW
Multicast Address Byte 0 (16H)
6.18 General purpose control Register (1EH)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6:4
GPC64
PH,
111,RO
General Purpose Control 6~4
Define the input/output direction of pins GPIO6~4 respectively.
These bits are all forced to “1”s, so pins GPIO6~4 are output only.
3:1
GPC31
PH,
000,RW
General Purpose Control 3~1
Define the input/output direction of pins GPIO 3~1 respectively.
When a bit is set 1, the direction of correspondent bit of General Purpose Register
is output. Other defaults are input
0
GPC0
PH1,RO
General Purpose Control 0
This bit defines the input/output direction of pin GPIO0.
These bits are forced to “1”, so pin GPIO0 is output only.
Pin GPIO0 is forced to output for internal PHYceiver power down function.
6.19 General purpose Register (1FH)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6:4
GEPIO6-4
PH0,RW
General Purpose Data 6~4
These bits are reflect to pin GEPIO6~4 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com