Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010BIEP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9010BIEP
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BIEP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9010BIEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9010BIEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
13
Version: DM9010BI--DS-P01
January 12, 2010
5.8 Power Pins
5,20,55,
72,90,73
DVDD
P
Digital VDD
15,23,42,
58,63,81,
99,76
GND
P
Digital GND
5.9 strap pins table
1: pull-high 1K~10K, 0: floating. (Default)
Pin No.
Pin Name
Description
57
MDC
Polarity of INT
1: INT pin low active;
0: INT pin high active
65
EEDO
DATA Bus Width
79
WAKE
WAKE
EEDO
data width
0
0
16-bit
0
1
32-bit
1
0
8-bit
1
1
reserved
67
EECS
LED Mode
When it is pulled high, the LED mode is mode 1; Otherwise it is mode 0
52,51,
50
TXD[2:0]
IO base address. (not available in 32-bit mode)
IO base = (strap pin value of TXD [2:0]) * 10H + 300H
78
LINK_O
Reverse MII
1: Reverse MII mode
0: normal MII mode
53
TXD[3]
External MII mode (not available in 32-bit mode)
force to external MII mode , mapping to bit 5 of REG. 2EH
and set register NCR Bit7 “1”,
54
TXEN
Disable to load EEPROM after power on reset.
74
GPIO4
PHY Power-Up.
1: PHY is power-up after power-ON
0: PHY is power-down after power-ON
75
GPIO5
Output Type of INT
1: INT pin is Open-Collect
0: INT pin is force output
77
GPIO6
HP Auto-MDIX
0: HP Auto-MDIX turn ON
1: HP Auto-MDIX turn OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com