Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH331 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH331
Description  SMT Multi TOPLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH331 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH331 Datasheet HTML 1Page - Siemens Semiconductor Group SFH331 Datasheet HTML 2Page - Siemens Semiconductor Group SFH331 Datasheet HTML 3Page - Siemens Semiconductor Group SFH331 Datasheet HTML 4Page - Siemens Semiconductor Group SFH331 Datasheet HTML 5Page - Siemens Semiconductor Group SFH331 Datasheet HTML 6Page - Siemens Semiconductor Group SFH331 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1997-11-01
SFH 331
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
LED
Transistor
Betriebstemperatur
Operating temperature range
Top
– 55 ... + 100
– 55 ... + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
+ 100
˚C
Durchlaßstrom (LED)
Forward current (LED)
I
F
30
–
mA
Kollektorstrom (Transistor)
Collector current (Transistor)
IC
–15
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
500
75
mA
Sperrspannung (LED)
Reverse voltage (LED)
V
R
5–V
Kollektor-Emitter Spannung (Transistor)
Collector-emitter voltage (Transistor)
VCE
–35
V
Verlustleistung
Total power dissipation
P
tot
100
165
mW
Wärmewiderstand Sperrschicht/Umgebung
Thermal resistance junction/ambient
Montage auf PC-Board*
(Padgröße
≥ 16 mm 2)
mounting on pcb* (pad size
≥ 16 mm 2)
Sperrschicht / Lötstelle
junction / soldering joint
R
th JA
R
th JS
450
350
450
–
K/W
K/W
*
PC-board: G30/FR4
Notes
Die angegebenen Grenzdaten gelten für den Chip, für den sie angegeben sind, unabhängig vom
Betriebszustand des anderen.
The stated max. ratings refer to the specified chip regardless of the operating status of the other
one.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com