Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161CI Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9161CI
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CI Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9161CI Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9161CI Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
23
Final
Version: DM9161CI-DS-F01
February 22, 2012
Auto-Negotiation
(continued)
Auto-negotiation also provides a parallel detection function for devices that do not support the Auto-negotiation
feature. During Parallel detection there is no exchange of configuration information, instead, the receive signal is
examined. If it is discovered that the signal matches a technology, supported by the receiving device, a
connection will be automatically established using that technology. This allows devices, which do not support
Auto-negotiation but support a common mode of operation, to establish a link.
7.2.7 MII Serial Management
The MII serial management interface consists of a data interface, basic register set, and a serial management
interface to the register set. Through this interface it is possible to control and configure multiple PHY devices,
get status and error information, and determine the type and capabilities of the attached PHY device(s).
The DM9161CI management functions correspond to MII specification for IEEE 802.3u-1995 (Clause 22) for
registers 0 through 6 with vendor-specific registers 16, 17, 18, 21, 22, 23 and 24.
In read/write operation, the management data frame is 64-bits long and starts with 32 contiguous logic one bits
(preamble) synchronization clock cycles on MDC. The Start of Frame Delimiter (SFD) is indicated by a <01>
pattern followed by the operation code (OP) :< 10> indicates Read operation and <01> indicates Write operation.
For read operation, a 2-bit turnaround (TA) filing between Register Address field and Data field is provided for
MDIO to avoid contention. Following the turnaround time, 16-bit data is read from or written onto management
registers.
7.2.8 Serial Management Interface
The serial control interface uses a simple two-wired serial interface to obtain and control the status of the
physical layer through the MII interface. The serial control interface consists of MDC (Management Data Clock),
and MDI/O (Management Data Input/Output) signals.
The MDIO pin is bi-directional and may be shared by up to 32 devices.
7.2.9 Management Interface - Read Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
Z
0
Idle Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Read
Write
MDC
MDIO Read
D15
D14
D1
D0
//
//
7.2.10 Management Interface - Write Frame Structure
32 "1"s
0
1
1
0
A4
A3
A0
R4
R3
R0
1
0
D15
D14
D1
D0
Idle Preamble
SFD
Op Code
PHY Address
Register Address
Turn Around
Data
Idle
Write
MDC
MDIO Write
Figure 7-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com