Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9332 Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9332
Description  10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9332 Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9332 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
DM9332
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Preliminary datasheet
39
DM9332-15-DS-P01
March 5, 2012
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) – 11H
Bit
Bit Name
Default
Description
15
100FDX
1, RO
100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 100M full duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
14
100HDX
1, RO
100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 100M half duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
13
10FDX
1, RO
10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 10M Full Duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
12
10HDX
1, RO
10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 10M half duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
11
Reserved
0, RO
Reserved
Read as 0, ignore on write
10
Reserved
0,RW
Reserved
9
Reserved
0,RW
Reserved
8-4
PHYADR[4:
0]
0 or 1, RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple PHY
entities must know the appropriate address of each PHY
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be written
to these bits.
B3 B2 B1 B0
0
0
0
0
In IDLE state
0
0
0
1
Ability match
0
0
1
0
Acknowledge match
0
0
1
1
Acknowledge match fail
0
1
0
0
Consistency match
0
1
0
1
Consistency match fail
0
1
1
0
Parallel detects signal link ready
0
1
1
1
Parallel detects signal link ready fail
3-0
ANMB[3:0]
0, RO
1
0
0
0
Auto-negotiation completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com