Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9620EP Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
DM9620/DM9620I
USB2.0 to Fast Ethernet Controller
Preliminary
39
Version: DM9620/DM9620I -15-DS-P02
December 26, 2011
6.12 (Specified config) Register – 14H
Bit
Bit Name
Default
Description
15
TSTSE1
0,RW
Vendor test select control
14
TSTSE2
0,RW
Vendor test select control
13
FORCE_TXSD
0,RW
Force Signal Detect
1: force SD signal OK in 100M
0: normal SD signal.
12
FORCE_FEF
0,RW
Vendor test select control
11
PREAMBLEX
1,RW
Preamble Saving Control
0: when bit 10 is set, the 10BASE-T transmit preamble count is
reduced. When bit 11 of register 1DH is set, 12-bit preamble is
reduced; otherwise 22-bit preamble is reduced.
1: transmit preamble bit count is normal in 10BASE-T mode
10
TX10M_PWR
1,RW
10BASE-T mode Transmit Power Saving Control
1: enable transmit power saving in 10BASE-T mode
0: disable transmit power saving in 10BASE-T mode
9
NWAY_PWR
0,RW
Auto-negotiation Power Saving Control
1: disable power saving during auto-negotiation period
0: enable power saving during auto-negotiation period
8
Reserved
0, RW
Reserved
7
MDIX_CNTL
MDI/MDIX,RO The polarity of MDI/MDIX value
1: MDIX mode
0: MDI mode
6
AutoNeg_lpbk
0,RW
Auto-negotiation Loop-back
1: test internal digital auto-negotiation Loop-back
0: normal.
5
Mdix_fix Value
0, RW
MDIX_CNTL force value:
When Mdix_down = 1, MDIX_CNTL value depend on the register
value.
4
Mdix_down
0,RW
HP Auto-MDIX Down
Manual force MDI/MDIX.
1: Disable HP Auto-MDIX , MDIX_CNTL value depend on Bit5
0: Enable HP Auto-MDIX
3
MonSel1
0,RW
Vendor monitor select
2
MonSel0
0,RW
Vendor monitor select
1
Reserved
0,RW
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com