Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8795A Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8795A
Description  TFT-LCD DC-DC Converter with Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8795A Datasheet HTML 17Page - Maxim Integrated Products MAX8795A Datasheet HTML 18Page - Maxim Integrated Products MAX8795A Datasheet HTML 19Page - Maxim Integrated Products MAX8795A Datasheet HTML 20Page - Maxim Integrated Products MAX8795A Datasheet HTML 21Page - Maxim Integrated Products MAX8795A Datasheet HTML 22Page - Maxim Integrated Products MAX8795A Datasheet HTML 23Page - Maxim Integrated Products MAX8795A Datasheet HTML 24Page - Maxim Integrated Products MAX8795A Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
______________________________________________________________________________________
21
a typical input voltage of 5V. Choosing an LIR of 0.5 and
estimating efficiency of 85% at this operating point:
Using the circuit’s minimum input voltage (4.5V) and
estimating efficiency of 80% at that operating point:
The ripple current and the peak current are:
Output-Capacitor Selection
The total output voltage ripple has two components: the
capacitive ripple caused by the charging and discharging
of the output capacitance, and the ohmic ripple due to the
capacitor’s equivalent series resistance (ESR):
where IRIPPLE is the RIPPLE inductor current (see the
Inductor Selection section). For ceramic capacitors, the
output voltage ripple is typically dominated by
VRIPPLE(C). The voltage rating and temperature charac-
teristics of the output capacitor must also be considered.
Input-Capacitor Selection
The input capacitor (CIN) reduces the current peaks
drawn from the input supply and reduces noise injection
into the IC. A 22µF ceramic capacitor is used in the typi-
cal applications circuit (Figure 1) because of the high
source impedance seen in typical lab setups. Actual
applications usually have much lower source impedance
since the step-up regulator often runs directly from the
output of another regulated supply. Typically, CIN can
be reduced below the values used in the typical applica-
tions circuit. Ensure a low-noise supply at IN by using
adequate CIN. Alternately, greater voltage variation can
be tolerated on CIN if IN is decoupled from CIN using an
RC lowpass filter (see R10 and C13 in Figure 1).
Rectifier Diode
The MAX8795A’s high switching frequency demands a
high-speed rectifier. Schottky diodes are recommended
for most applications because of their fast recovery time
and low forward voltage. In general, a 2A Schottky
diode complements the internal MOSFET well.
Output-Voltage Selection
The output voltage of the main step-up regulator can be
adjusted by connecting a resistive voltage-divider from the
output (VMAIN) to AGND with the center tap connected to
FB (see Figure 1). Select R2 in the 10k
Ω to 50kΩ range.
Calculate R1 with the following equation:
where VFB, the step-up regulator’s feedback set point,
is 1.233V. Place R1 and R2 close to the IC.
Loop Compensation
Choose RCOMP to set the high-frequency integrator
gain for fast transient response. Choose CCOMP to set
the integrator zero to maintain loop stability.
For low-ESR output capacitors, use the following equa-
tions to obtain stable performance and good transient
response:
To further optimize transient response, vary RCOMP in
20% steps and CCOMP in 50% steps while observing
transient-response waveforms.
Charge Pumps
Selecting the Number of Charge-Pump Stages
For highest efficiency, always choose the lowest num-
ber of charge-pump stages that meet the output
requirement. Figures 8 and 9 show the positive and
negative charge-pump output voltages for a given
VMAIN for one-, two-, and three-stage charge pumps.
R
VV
C
LI
C
VC
IR
COMP
IN
OUT
OUT
MAIN MAX
COMP
OUT
OUT
MAIN MAX
COMP
≈
××
×
×
≈
×
××
253
10
()
()
RR
V
V
MAIN
FB
12
1
=×
−
⎛
⎝⎜
⎞
⎠⎟
:
()
(
)
()
()
(
)
VV
V
V
I
C
VV
Vf
and
VI
R
RIPPLE
RIPPLE C
RIPPLE ESR
RIPPLE C
MAIN
OUT
MAIN
IN
MAIN OSC
RIPPLE ESR
PEAK ESR COUT
=+
≈
−
⎛
⎝⎜
⎞
⎠⎟
≈
I
VV
V
H
V
MHz
A
IA
A
A
RIPPLE
PEAK
=
×−
µ×
×
≈
=+
≈
45
14
45
33
14
12
077
194
077
2
233
.(
.
)
..
.
.
.
.
I
AV
V
A
IN DCMAX
(,
)
.
..
.
=
×
×
≈
05
14
45
08
194
L
V
V
VV
A
MHz
H
= ⎛
⎝⎜
⎞
⎠⎟
−
×
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
≈µ
5
14
14
5
05
12
085
05
33
2
..
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com