Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCOF2002A-BNMBD Datasheet(PDF) 5 Page - P-tec Corporation

Part # PCOF2002A-BNMBD
Description  240 Column X 64 Row
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PCOF2002A-BNMBD Datasheet(HTML) 5 Page - P-tec Corporation

  PCOF2002A-BNMBD Datasheet HTML 1Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 2Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 3Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 4Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 5Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 6Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 7Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 8Page - P-tec Corporation PCOF2002A-BNMBD Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PAGE 5 OF 13
4. Absolute Maximum Ratings
Item
Symbol
Min
Max
Unit
Input Voltage
VI
-0.3
VDD+0.3
V
Supply Voltage For Logic
VDD-VSS
-0.3
7.0
V
Supply Voltage For LCD
VDD-V0
0
16
V
Operating Temp.
Top
0
50
°C
Standard
Temperature LCM
Storage Temp.
Tstr
-10
60
°C
Operating Temp.
Top
-20
70
°C
Wide Temperature
LCM
Storage Temp.
Tstr
-30
80
°C
5. Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For Logic
VDD-VSS
-
4.5
5.0
5.5
V
Supply Voltage For LCD
VDD-V0
Ta=25°C
12.0
12.5
13.2
V
Input High Volt.
VIH
-
0.7 VDD
-
VDD
V
Input Low Volt.
VIL
-
VSS
-
0.3 VDD
V
Supply Current
IDD
VDD=5V
9.0
9.9
12.0
mA
Supply Voltage of
Yellow-green backlight
VLED
Forward
current
=630 mA
Number of
LED die
2x63= 126
3.8
4.2
4.3
V
Supply Voltage of White
backlight
VLED
Forward
current
=60 mA
Number of
LED die
4
2.8
3.1
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com