Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D464-R13-001 Datasheet(PDF) 1 Page - Dialight Corporation

Part # D464-R13-001
Description  Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

D464-R13-001 Datasheet(HTML) 1 Page - Dialight Corporation

  D464-R13-001 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Certifications & Ratings
• FAA AC NO: 150/5345-43F
• FAA Engineering Brief No. 67
• IP66 rated
Qualified By
• Intertek ETL
Compliant to:
• ICAO Annex 14, 5th Edition, July 2009
• ICAO Aerodromes Design Manual, Chapter 18
• Canadian Aviation Regulation CAR 621.19 (Transport Canada)
Features & Benefits
• 5 year full performance warranty
• Rugged all metal base
• Resistant to shock and vibration
• Patented optics with sharp beam cutoff
• Minimum ground scatter providing community a friendly light pattern
• High impact polycarbonate lens
• Specialized lens coating providing superior UV, scratch, and
chemical resistance
• Factory sealed for IP66 rated ingress protection
• Extremely low RF interference
• Light module detachable from base for easy replacement at end of life
www.dialight.com
Vigilant
® L-864 Infrared (IR)
LED Based Medium Intensity
Red Beacon
for use with Aviator Night Vision Goggles
Unit Weight:
20lbs (9Kg)
Operating Voltage:
Universal 120-240 VAC 50/60Hz
power factor corrected supply
Effective Intensity:
2,000 cd
Wattage:
40W Rated (steady burn)
IR Intensity
1:
9000 mW/sr at 860 nm
Operating Temp:
-40ºF to +131ºF (-40ºC to +55ºC)
Power Factor:
>0.9
Dimensions in Inches [mm]
Application:
The Dialight Vigilant L-864 Infrared (IR) LED based medium intensity
obstruction light incorporates both Red and IR LEDs in a single unit.
These
lights
ensure
visibility
around
military
bases,
airfield
perimeters, buildings, towers, and other obstructions for aircraft pilots,
both during normal flight or when aided by Night Vision Systems. Night
Vision Goggles (NVGs) and Aviator’s Night Vision Imaging System (ANVIS)
often employ Class A, B, and C filters.
These filters can reduce the
responsivity to light in the visible spectrum.
The Vigilant IR
overcomes this obstacle by combining visible red LEDs and IR LEDs in a
single unit.
The Dialight Vigilant L-864 utilizes a unique optical, mechanical, and
electrical design. This allows for efficient, low-power product with mini-
mal ground scatter. The D464 has extremely low RF interference and is
ideal for the most difficult environments, including “hot” AM
towers.
Order code:
Part Number
Description
D464-R13-001
120 - 240 VAC FAA Infrared (IR)
US Patents # 7,281,821 and #7,568,821other patents pending
Dialight also offers this L-810
Infrared (IR) LED obstruction light
Infrared (IR) Spectrum
Provides improved visibility while using night vision goggles
Vigilant
® L-810
Infrared (IR) LED Obstruction Lights
for use with aviator night vision goggles
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will
always be available at: www.dialight.com/assets/brochures_and_catalogs/signaling/mdtf464irx001.pdf
WARRANTY STATEMENT: EXCEPT FOR THE WARRANTY EXPRESSLY PROVIDED FOR [HEREIN/ABOVE/BELOW], DIALIGHT DISCLAIMS ANY AND ALL OTHER WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, WITHOUT LIMITATION, ANY
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND NONINFRINGEMENT.
MDTF464IRX001_B
1Disclaimer: Night Vision Goggles (NVG) and Aviator Night Vision Imaging Systems (ANVIS) sense infrared (IR) light at various wavelength ranges. Accordingly, Dialight makes no claim or representation that the IR light emitted by the Vigilant L-864 is visible to any make or model of any NVG or ANVIS. In
no event shall Dialight or any of its representatives be liable for any damages, including, without limitation, direct, consequential, indirect, punitive, incidental or special damages, in connection with the IR light emitted by the Vigilant L-864 and/or whether any NVG or ANVIS can sense such IR light or
whether the IR light emitted by the Vigilant L-864 is visible to any NVG or ANVIS, regardless of the form of action.


Similar Part No. - D464-R13-001

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
D464-3002 DIALIGHT-D464-3002 Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
D464-A13-001-EU DIALIGHT-D464-A13-001-EU Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
D464-A13-001EU DIALIGHT-D464-A13-001EU Datasheet
410Kb / 4P
LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
More results

Similar Description - D464-R13-001

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LXL1209SIC-TR LUMEX-SML-LXL1209SIC-TR Datasheet
64Kb / 1P
636mm SUPER INTENSITY RED LED
logo
Dialight Corporation
D1RW-C13-008 DIALIGHT-D1RW-C13-008 Datasheet
182Kb / 2P
LED Based L-864/L-865 Flashing Dual (White/Red) Strobe
D156-A33-270 DIALIGHT-D156-A33-270 Datasheet
94Kb / 1P
Vigilant Series LED Based L-856 High Intensity (White) Strobe
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
D464B13001 DIALIGHT-D464B13001 Datasheet
153Kb / 1P
SafeSite L-864 Red LED Medium Intensity Beacon
RTOCR07001 DIALIGHT-RTOCR07001 Datasheet
120Kb / 1P
Vigilant L-810 Infrared (IR) LED Obstruction Lights
D1RW-C13-008 DIALIGHT-D1RW-C13-008_12 Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
D264-A54-001 DIALIGHT-D264-A54-001 Datasheet
105Kb / 1P
Vigilant??L864 LED Based Medium Intensity Red Beacon DC Version
logo
LUMEX INC.
SSL-LX5093XSIC LUMEX-SSL-LX5093XSIC Datasheet
52Kb / 1P
T-5mm 636mm SUPER INTENSITY RED LED
logo
OSA Opto Light GmbH
OIS-150-880 OSA-OIS-150-880 Datasheet
169Kb / 7P
1206 ??IR, high intensity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com