Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBXGS Datasheet(PDF) 1 Page - Dialight Corporation

Part # HBXGS
Description  DuroSite짰 LED High Bay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXGS Datasheet(HTML) 1 Page - Dialight Corporation

  HBXGS Datasheet HTML 1Page - Dialight Corporation HBXGS Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DuroSite
® LED High Bay
CE Approved - 70°C
Certifications & Ratings:
• CE - compliant
EN 55015:2006 / EN 61547:2009 / EN 60598:2008
• BS EN 62471:2008
• Gost R approval
• IEC60068 salt spray testing- severity 1
• IP66 to EN60529
Features & Benefits:
• L70 rated for 100,000 hours @ 25°C
• 5 year full performance warranty
• Instant on/off operation
• Superior colour rendition index compared to HPS, LPS, MV
• Mercury free, lead free
• Replaces up to 400 Watt HID light sources
• Resistant to shock and vibration
• Temperature compensation technology for longer life
Order Codes:
Application:
The first of its kind, the Dialight DuroSite
® LED High Bay luminaire was designed
specifically to replace conventional lighting in a wide variety of industrial
applications, both indoor and outdoor. Its low profile, light weight design
and versatile mounting options make it ideal for many applications such as
for many applications such as high bay lighting, warehouse, factories, cold
stores, restricted access areas, service areas and other applications with
mounting heights greater than 4 meters.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
Hazardous area versions are also available.
www.dialight.com
Mechanical Information
Fixture Weight:
8.6 kg (19 lbs)
Mounting:
Swivel bracket or hook
Fixing:
Factory installed 3 meter 3 core PVC cable
Factory installed junction box (see ordering note,
for mechanical drawing see page 2)
Custom cable lengths available (consult factory)
Electrical specifications
Operating Voltage, Input Current, Power Consumption: See Table
Operating Temp:
-40°C to +70°C (-40°F to +158°F)
Harmonics:
EN 61000-3-2
Surge Protection:
EN 61000-4-5
1 kV line to line
2 kV line to ground
THD:
<5% (120VAC)
<10% (230/240VAC)
<12% (277VAC)
Power Factor:
> 0.9
Construction
Housing:
LM6 marine grade aluminium
Finish:
Polyester / epoxy powder coat gray RAL 7040
Lens:
Tempered Glass
Photometric Information
CRI:
> 70
CCT:
6,000K (cool white)
4,300K (neutral white)
All values typical unless otherwise state
All lumen values are typical (tolerance +/- 10%)
Part Number
IP66 to EN60529
(Tempered Glass Lens)
Lens
Optical Pattern
CCT
Initial Fixture
Lumens @
70°C
Lumens
Per Watt
Clear
Diffused
Circular
Aisle
HBGCMP-70C
•
•
•
Cool White
10,000
73
Operating Voltage
Input Wattage
Input Current
277
134
0.5
230
137
0.6
200
137
0.7
150
139
0.9
120
141
1.2
100
144
1.4
All measurements taken at 25°C ambient, all values +/-15%
Dimensions in mm [inches]
6.88
[174.75]
47.75
[1.88]
16.00
[406.40]
10’ [3.05m]
Cord
16.00
[406.40]
5/16”-18 X .75” THREADED (2)
1.95
[49.53]
3/4” NPT
THREADED
174.88
[6.88]
406.40
[16.00]
3.0m
CORD
[10”]
49.53
[1.95]
76.20
[3.00]
406.40
[16.00]


Similar Part No. - HBXGS

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBXGS DIALIGHT-HBXGS Datasheet
433Kb / 4P
DuroSite짰 Series LED High Bay Luminaire - CE Approved
More results

Similar Description - HBXGS

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
SafeSite짰 Series LED High Bay
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
DuroSite짰 Series LED High Bay Luminaire - CE Approved
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
DuroSite짰 Series LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
DuroSite짰 Series LED Low Bay
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
DuroSite짰 LPK LED Langfeldleuchte
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
WPBRKTSSADJ DIALIGHT-WPBRKTSSADJ Datasheet
213Kb / 2P
DuroSite짰 LED Emergency Shower Safe Luminaire
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com