Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZP8C2N Datasheet(PDF) 1 Page - Dialight Corporation

Part # HZP8C2N
Description  SafeSite짰 Series LED Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HZP8C2N Datasheet(HTML) 1 Page - Dialight Corporation

  HZP8C2N Datasheet HTML 1Page - Dialight Corporation HZP8C2N Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SafeSite
® Series LED Area Light
CID1/CIID1 Version
Mechanical Information
Fixture Weight:
14.5 lb (6.58 kg)
Shipping Weight:
16.5lb (7.48kg)
Mounting:
(1) Threaded 3/4” NPT rear
Cabling:
10' (3.5m) SOOW power cord
Electrical specifications
Operating Voltage:
100-277VAC, 50/60 Hz
Power Consumption:
43W / 55W / 70W
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Noise Requirements/
EMC:
FCC Title 47, Subpart B, Section 15, class A
device. RF Immunity; 10V/m, 80MHz-1GHz
Surge Protection:
1 kV line to line
2 kV line to ground
THD:
<15%
Power Factor:
> 0.9
Construction
Housing:
Powder coated aluminum
Finish:
Polyester / epoxy powder coat gray RAL
7040 for superior corrosion resistance
Lens:
Glass
Photometric Information
CRI:
> 70
CCT:
5,700K (cool white)
4,500K (neutral white)
Optics:
180° f o r ward throw
360° f o r ward throw
IES Files:
Available upon request
All values typical unless otherwise state
Certifications
• Class I, Div 1, Groups B, C, D
• Class II, Div 1, Groups E, F, G
• UL 844
• UL 1598/A
• CSA 22.2 No. 137-M1981
• IP66 (pending)
• NEMA 4X (pending)
Features & Benefits
• 5 year full performance warranty
• Instant on/off operation
• Universal input (100-277 VAC), 50/60Hz
• Superior color rendition index compared to HPS, LPS, MV
• Mercury free
• Resistant to shock and vibration
• Temperature compensation technology for longer life
• L70 rated for >100,000 hours @ 25°C ambient
• Factory sealed
• Low T rating compared to traditional fixtures
Application:
The SafeSite® Series LED area light represents the future of energy
efficient facility illumination for hazardous locations worldwide. The Class
I, Div 1 LED area lighting fixture consumes at least 50% energy compared
to traditional HID light sources, while reducing maintenance and carbon
emissions. This light incorporates both cutting edge LED technology
along with proprietary optics to achieve area lighting comparable with
other traditional light sources.
Whether your application is in a refinery, oil platform, chemical plant or
any other Class I, Division 1 application, this fixture offers improved
performance across the board.
www.dialight.com
Ordering Codes:
Part Number
Group B (Hydrogen)
Optical Pattern
1
Color
2
Lumens
Watts
Lumens Per Watt
HZC2C2N
180
Cool White
3,500
43
81
HZC3C2N
360
Cool White
3,500
43
81
HZC4C2N
180
Cool White
4,500
55
82
HZC5C2N
360
Cool White
4,500
55
82
HZC8C2N
180
Cool White
5,800
70
83
HZC9C2N
360
Cool White
5,800
70
83
HZP8C2N
•
180
Cool White
5,800
70
83
HZP9C2N
•
360
Cool White
5,800
70
83
10.7
[272]
9.7
[246]
6.0
[152]
5.8
[148]
Ø.213
[5,41]
Ø.197
[5]
2.0
[51]
Dimensions in Inches [mm]
Patent Pending
Temperature Ratings
Ambient Temperature Range
T4a Temperature Code
Ambient Temperature Range
T5 Temperature Code
-40°F to +149°F (-40°C to +65°C)
-40°F to +113°F (-40°C to +45°C)
1180° optical pattern versions are optimized for a 45° mounting angle
2Part numbers listed in the above table are cool white. For neutral white version replace the 5th character with N Ex: HZC2C2N becomes HZC2N2N


Similar Part No. - HZP8C2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HZP8C2N ETC1-HZP8C2N Datasheet
1Mb / 12P
SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
More results

Similar Description - HZP8C2N

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HZC8C2N DIALIGHT-HZC8C2N Datasheet
178Kb / 2P
SafeSite Series LED Area Light
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
SafeSite LED Area Light
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
DuroSite LED Area Light
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
SafeSite짰 Series LED High Bay
HZA2C2N DIALIGHT-HZA2C2N Datasheet
307Kb / 2P
SafeSite짰 Series LED Area Light
HZD2C2N DIALIGHT-HZD2C2N Datasheet
285Kb / 2P
SafeSite짰 Series LED Area Light
HZD2C2NC DIALIGHT-HZD2C2NC Datasheet
135Kb / 2P
SafeSite짰 LED Area Light with Retrofit Adapter Kit
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
SafeSite짰 Series LED Downlight
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com