Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZP9C2N Datasheet(PDF) 2 Page - Dialight Corporation

Part # HZP9C2N
Description  SafeSite짰 Series LED Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HZP9C2N Datasheet(HTML) 2 Page - Dialight Corporation

  HZP9C2N Datasheet HTML 1Page - Dialight Corporation HZP9C2N Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialight.com
MDTFHZSALX001_E
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this
document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFHZSALX001.pdf
Dimensions in Inches [mm]
Conduit Mount
Swing Bracket
Swing Bracket Dimensions
SafeSite
® LED Area Light
Mounting Options
Polar Plots
180° Optical Pattern Mounted at 45°
360° Optical Pattern
HZXW2
A standard duty Aluminum bracket, .25" thick 6061-T6 and powder coated.
HZXW4
A standard duty Aluminum bracket, .25" thick 6061-T6 and powder coated. This bracket will mount to 1.5" conduit and comes with pipe mount clamps.
Dimensions in Inches [mm]
5.00
(127)
4.50
(114,3)
2.31
(58,7)
1.155
(29,34)
.53
(13,5)
.42
(10,8)
1.38
(35,05) 3.00
(76,2)
R.88
(22,2)
2.250
(57,15)
2.250
(57,15)
2.50
(63,5)
90°
Ø.265
(6,73)
Ø1.25
(31,75)
Ø.335 (8,51)
4 PLACES
Ø.266 (6,76)
DRILL AND TAP
M8 x 1.25
2 PLACES
BOTH SIDES
7.70
(195,6)
R.25 (6,4)
TYP
.25±.01
(6,4±0.2)
.25±.01
(6,4±0.2)
.88
(22,21)
.50
(12,7)
2.25
(57,2)
.5
(12,7)
R.75
(19,1)
7.3
(184)
R.25
(6,4)
.85
(21.6)
Ø.50
(12,7)
Ø.261
(6,63)
2.0
(50.8)
R.38
(9,5)
90°
.256
(6,51)
2.25
(57,15)
.619
(15,72)
2.26
(6,51)
.619
(15,72)
.75
(19,11)
Ø1.5
(38,1)
Ø.344
(8,74)
1.13
(28.6)
Ø.52
(13,31)
5.00
(127)
2.31
(58,7)
1.155
(29,34)
.53
(13,5)
.42
(10,8)
1.38
(35,05)
3.00
(76,2)
R.88
(22,2)
2.250
(57,15)
2.250
(57,15)
2.50
(63,5)
90°
Ø.265
(6,73)
Ø1.25
(31,75)
Ø.335 (8,51)
4 PLACES
Ø.266
(6,76)
DRILL
AND
TAP
M8 x 1.25
2 PLACES
BOTH
SIDES
7.70
(195,6)
R.25 (6,4)
TYP
.25±.01
(6,4±0.2)
.25±.01
(6,4±0.2)
.875
(22,23)
.50
(12,7)
2.25
(57,2)
.5
(12,7)
R.75
(19,1)
7.3
(184)
R.25
(6,4)
.85
(21.6)
Ø.50
(12,7)
Ø.261
(6,63)
2.0
(50.8)
R.38
(9,5)
90°
.256
(6,51)
2.25
(57,15)
.619
(15,72)
2.26
(6,51)
.619
(15,72)
.75
(19,11)
Ø1.5
(38,1)
Ø.344
(8,74)
Ø.52
(13,31)
1.5
(38,1)
.5
(12,7)
1.13
(28.6)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com