Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW2C2N Datasheet(PDF) 2 Page - Dialight Corporation

Part # STW2C2N
Description  DuroSite짰 LED Area Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

STW2C2N Datasheet(HTML) 2 Page - Dialight Corporation

  STW2C2N Datasheet HTML 1Page - Dialight Corporation STW2C2N Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialight.com
MDTFSTWALX001_D
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will
always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFSTWALX001.pdf
Dimensions in Inches [mm]
Swing Bracket with Stanchion Mount
Conduit Mount
Swing Bracket
Swing Bracket Dimensions
DuroSite
® LED Area Light
Mounting Options
Polar Plots
360° Optical Pattern
HZXW2
A standard duty Aluminum bracket, .25" thick 6061-T6 and powder coated.
Dimensions in Inches [mm]
5.00
(127)
4.50
(114,3)
2.31
(58,7)
1.155
(29,34)
.53
(13,5)
.42
(10,8)
1.38
(35,05) 3.00
(76,2)
R.88
(22,2)
2.250
(57,15)
2.250
(57,15)
2.50
(63,5)
90°
Ø.265
(6,73)
Ø1.25
(31,75)
Ø.335 (8,51)
4 PLACES
Ø.266 (6,76)
DRILL AND TAP
M8 x 1.25
2 PLACES
BOTH SIDES
7.70
(195,6)
R.25 (6,4)
TYP
.25±.01
(6,4±0.2)
.25±.01
(6,4±0.2)
.88
(22,21)
.50
(12,7)
2.25
(57,2)
.5
(12,7)
R.75
(19,1)
7.3
(184)
R.25
(6,4)
.85
(21.6)
Ø.50
(12,7)
Ø.261
(6,63)
2.0
(50.8)
R.38
(9,5)
90°
.256
(6,51)
2.25
(57,15)
.619
(15,72)
2.26
(6,51)
.619
(15,72)
.75
(19,11)
Ø1.5
(38,1)
Ø.344
(8,74)
1.13
(28.6)
Ø.52
(13,31)
5.00
(127)
2.31
(58,7)
1.155
(29,34)
.53
(13,5)
.42
(10,8)
1.38
(35,05)
3.00
(76,2)
R.88
(22,2)
2.250
(57,15)
2.250
(57,15)
2.50
(63,5)
90°
Ø.265
(6,73)
Ø1.25
(31,75)
Ø.335 (8,51)
4 PLACES
Ø.266
(6,76)
DRILL
AND
TAP
M8 x 1.25
2 PLACES
BOTH
SIDES
7.70
(195,6)
R.25 (6,4)
TYP
.25±.01
(6,4±0.2)
.25±.01
(6,4±0.2)
.875
(22,23)
.50
(12,7)
2.25
(57,2)
.5
(12,7)
R.75
(19,1)
7.3
(184)
R.25
(6,4)
.85
(21.6)
Ø.50
(12,7)
Ø.261
(6,63)
2.0
(50.8)
R.38
(9,5)
90°
.256
(6,51)
2.25
(57,15)
.619
(15,72)
2.26
(6,51)
.619
(15,72)
.75
(19,11)
Ø1.5
(38,1)
Ø.344
(8,74)
Ø.52
(13,31)
1.5
(38,1)
.5
(12,7)
1.13
(28.6)
180° Optical Pattern Mounted at 45°
HZXW4
A standard duty Aluminum bracket, .25" thick 6061-T6 and powder coated. This bracket will mount to 1.5" conduit and comes with pipe mount clamps.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com