Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBXREF2 Datasheet(PDF) 3 Page - Dialight Corporation

Part # HBXREF2
Description  DuroSite짰 Series LED High Bay Luminaire - CE Approved
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXREF2 Datasheet(HTML) 3 Page - Dialight Corporation

  HBXREF2 Datasheet HTML 1Page - Dialight Corporation HBXREF2 Datasheet HTML 2Page - Dialight Corporation HBXREF2 Datasheet HTML 3Page - Dialight Corporation HBXREF2 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dialight.com
DuroSite® LED High Bay Fixture Options and Accessories
Occupancy Sensor Version
Dimensions in mm
Mechanical, Electrical and Photometric information is the same
as on page 1 except where detail is provided
Weight:
8.6kg (19lbs)
Sensor Mounting:
Attached to the luminaire via a bracket,
cable connected via junction box on the
luminaire
Sensor Timing
30 seconds to 20 minutes
Sensor operation
Dependant on application and height,
please consult technical department
Operating voltage
230/240 VAC only
Operating Temperature
-10
oC + 50oC (-14oF + 122oF)
-25
oC + 50oC (-13oF + 122oF) version
available, consult factory
Features and Benefits
• No additional electrical connections required for installation
• Remote control for on site programming during commissioning
• Dimming option available please consult factory for details
Application:
Dialight offers a series of High Bay products with an attached
occupancy sensor.
The occupancy sensor leverages the High Bay’s
instant-on and instant-off capability to increase energy savings and
enhance ROI. Other industrial lighting sources such as HID fixtures do not
offer instant-on capability. Sensor can be programmed by the user
during installation and commissioning via a IR remote control (sold
separately), one remote can program an infinite number of luminaires.
Ordering Info:
80
413
151
290
Part Number
Description
HBX-RC
IR remote control
Part Number
IP66
(Acrylic Lens)
IP66 to EN60529
1
(Polycarbonate Lens)
Lens
Optical Pattern
CCT
2
Initial
Fixture
Lumens
Lumens
Per Watt
3
Clear
Diffused
Circular
Aisle
HB2C4M-EUOS
•
•
•
Cool White
10,000
71
HB7C4M-EUOS
•
•
•
Cool White
9,750
70
HB1C4N-EUOS
•
•
•
Cool White
11,500
82
HB6C4N-EUOS
•
•
•
Cool White
11,500
82
HB0C4M-EUOS
•
•
•
Cool White
10,000
71
HB4C4M-EUOS
•
•
•
Cool White
10,750
77
HB5C4N-EUOS
•
•
•
Cool White
10,750
77
HB3C4N-EUOS
•
•
•
Cool White
10,750
77
Gland entries (2) x M20
1Polycarbonate lens part numbers can be ordered with a factory installed dome lens. For dome lens option replace prefix HB with HBL in the
order code, HB2C4M-EUOS becomes HBL2C4M-EUOS For mechanical drawing see page 4.
2Part numbers in the above table are cool white models, for neutral white replace the 3rd character C with N in the order code,
HB2C4M-EUOS becomes HB2N4M-EUOS
3Lumens per Watt calutated based on 140W.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com