Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPRECESSWH Datasheet(PDF) 1 Page - Dialight Corporation

Part # WPRECESSWH
Description  DuroSite짰 LED Emergency Shower Safe Luminaire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

WPRECESSWH Datasheet(HTML) 1 Page - Dialight Corporation

  WPRECESSWH Datasheet HTML 1Page - Dialight Corporation WPRECESSWH Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DuroSite® LED Emergency
Shower Safe Luminaire
Mechanical Information
Fixture Weight:
5.4 kg (11.9 lb)
Cable Entry options:
All cable entries are drilled and tapped
see ordering option
Electrical specifications
Operating Voltage:
230/240 VAC
Input Current:
110mA
Input Wattage:
24W
Battery:
3.6V 4Ah Nimh
Battery Life:
4 years
Battery duration:
>3 hours
Operating Temp:
0°C to +50°C
(-20°C versions available)
Harmonics:
EN 61000-3-2: 2006
THD:
<20% @ 230 VAC
Surge Protection:
EN-61000-4-5
1 kV line to line
2 kV line to ground
Power Factor:
> 0.9
Materials
Housing:
Copper free aluminium cast
Finish:
Light grey epoxy powder coated (RAL7001)
Lens:
High Impact resistant polycarbonate
Mounting Brackets:
306 Stainless steel
Stanchion Brackets:
Copper free LM6 aluminium cast
Configuration:
Flush or 30° angle
Photometric Information
Dominant Wavelength
530.0 nm
All values typical unless otherwise state
Dimensions in mm [Inches]
Certifications
• CE - Compliant
EN 55015:2006 / EN 61547:2009 / EN 60598-2-22:1999
• IEC 60068 salt spray testing - severity 1
• IK10 to EN 50102
• IP66 to EN 60529
• GOST R approved
Features & Benefits
• 5 year full performance warranty
• 360° visibility
• Instant on/off operation
• Mercury free, lead free
• LED indicator for fixture battery monitoring
• Resistant to shock and vibration
• L70 rated for >100,000 hours @ 45°C ambient
• Factory sealed
Application:
The Dialight DuroSite
® LED Shower Safe Emergency Bulkhead luminaire has a
rugged design to ensure long life and high reliability when used to identify
emergency showers on large industrial sites. Specially designed optics and
360° viewing angle make this a high visibility light unit for this application. This
self-contained maintained emergency luminaire offers a minimum of 3
hours of illumination equal to 10% of the standard output. It is ideally suited
for explosive environments, mills, chemical plants and other hazardous
environments where emergency shower areas are required. Dialight offers
flush, angle, stanchion mounting bracket and adjustable mounting options
for use with the DuroSite Bulkhead as well as a recessed housing.
www.dialight.com
Ordering Codes for Standard Model 2 M20 Entries on 1 Side
Ordering Code:
Example: WE-0G4H-FLGD
Product Family
-
Optic
LED Colour
Voltage
LED qty
-
Bracket
Finish
Glazing
WE
0 =No Optics
G = Green
4 =
230/240
VAC
18 LEDs
A = Angle Bracket
LG =
Light Grey
D = Dome
Lens
F = Flush Bracket
N = No Bracket


Similar Part No. - WPRECESSWH

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
WPR IDEM-SAFETY-WPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
NXP Semiconductors
WPR1516 NXP-WPR1516 Datasheet
907Kb / 38P
MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
Rev 2, 1/2015
logo
Willow Technologies Ltd
WPR2-TO5 WILLOW-WPR2-TO5 Datasheet
324Kb / 1P
Special Resistors
logo
Riedon Powertron
WPR2-TO5 RIEDON-WPR2-TO5 Datasheet
258Kb / 1P
Special Resistors
logo
Willow Technologies Ltd
WPR2-TO5330OHMS WILLOW-WPR2-TO5330OHMS Datasheet
324Kb / 1P
Special Resistors
More results

Similar Description - WPRECESSWH

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
ESS-12-CW-SD DIALIGHT-ESS-12-CW-SD Datasheet
215Kb / 2P
ES Series White LED Luminaire
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
DuroSite짰 Series LED High Bay Luminaire - CE Approved
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
DuroSite짰 Series LED High Bay
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
DuroSite짰 Series LED Low Bay
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
DuroSite짰 LPK LED Langfeldleuchte
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
DuroSite짰 LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
DuroSite짰 LED Area Light
logo
SHENZHEN FUMAN ELECTRON...
FM811 FUMAN-FM811 Datasheet
214Kb / 3P
Meteor shower
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com