Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1132R-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1132R-13
Description  32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1132R-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1132R-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1132R-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1132R-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1132R-13 Datasheet HTML 4Page - Diodes Incorporated 2DB1132R-13 Datasheet HTML 5Page - Diodes Incorporated 2DB1132R-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2DB1132P/Q/R
Document number: DS31142 Rev: 5 - 2
1 of 6
www.diodes.com
September 2011
© Diodes Incorporated
2DB1132P/Q/R
32V PNP SURFACE MOUNT TRANSISTOR IN SOT-89
Features
•
BVCEO > -32V
•
Max Continuous Current IC = -1A
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (2DD1664)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Lead Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free, “Green” Devices (Note 2)
Mechanical Data
•
Case: SOT-89
•
Case material: molded Plastic. “Green” molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.055 grams (Approximate)
Ordering Information
Product
Grade
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DB1132P-13
Commercial
P13P
13
12
2,500
2DB1132Q-13
Commercial
P13Q
13
12
2,500
2DB1132R-13
Commercial
P13R
13
12
2,500
Notes:
1. No purposefully added lead.
2. “Green” devices, Halogen and Antimony Free, Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
Top View
Device Symbol
Pin out – Top view
SOT-89
C
B
E
P13x
YWW
(Top View)
P13x = Product Type Marking Code:
Where
P13P = 2DB1132P
P13Q = 2DB1132Q
P13R = 2DB1132R
YWW = Date Code Marking
Y = Last digit of year ex: 7 = 2007
WW = Week code 01 - 52


Similar Part No. - 2DB1132R-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1132R-13 DIODES-2DB1132R-13 Datasheet
190Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31142 Rev. 4 - 2
More results

Similar Description - 2DB1132R-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1182Q DIODES-2DB1182Q Datasheet
113Kb / 5P
32V PNP SURFACE MOUNT TRANSISTOR IN TO252
Rev 1
logo
Foshan Blue Rocket Elec...
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB798 FOSHAN-2SB798 Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SA1203 FOSHAN-2SA1203 Datasheet
818Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB1260 FOSHAN-2SB1260 Datasheet
669Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
MMBT5401T FOSHAN-MMBT5401T Datasheet
949Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
MMBTA92T FOSHAN-MMBTA92T Datasheet
771Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
logo
Shenzhen Luguang Electr...
2SB1132 LUGUANG-2SB1132 Datasheet
1Mb / 4P
SOT-89 Transistor(PNP)
logo
Rectron Semiconductor
8850T RECTRON-8850T Datasheet
363Kb / 7P
Silicon PNP transistor in a SOT-89 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com