Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1184Q-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1184Q-13
Description  50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1184Q-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1184Q-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1184Q-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1184Q-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1184Q-13 Datasheet HTML 4Page - Diodes Incorporated 2DB1184Q-13 Datasheet HTML 5Page - Diodes Incorporated 2DB1184Q-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2DB1184Q
Document number: DS31504 Rev. 4 - 2
2 of 6
www.diodes.com
June 2011
© Diodes Incorporated
2DB1184Q
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-3
A
Peak Pulse Collector Current
ICM
-4.5
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
15
W
Thermal Resistance, Junction to Case
RθJC
8.3
°C/W
Power Dissipation (Note 4)
PD
1.2
W
Thermal Resistance, Junction to Ambient
RθJA
104
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Device mounted on FR-4 PCB with minimum pad size recommended.
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
BVCBO
-60
⎯
⎯
V
IC = -50μA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-50
⎯
⎯
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
⎯
⎯
V
IE = -50μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
-1
μA
VCB = -40V, IE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
-1
μA
VEB = - 4V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
-1
V
IC = -2A, IB = -0.2A
Base-Emitter Saturation Voltage
VBE(sat)
⎯
⎯
-1.2
V
IC = -1.5A, IB = -0.15A
DC Current Gain
hFE
120
⎯
270
⎯
VCE = -3V, IC = -0.5A
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
⎯
110
⎯
MHz
VCE = -5V, IC = -0.1A,
f = 30MHz
Output Capacitance
Cobo
⎯
26
⎯
pF
VCB = -10V, f = 1MHz
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com